Electronic Components Datasheet Search
  English  ▼

X  

BES025U Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES025U
Description  BES M08EA-PSC20B-EP00,3-GS49
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES025U Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES025U Datasheet HTML 1Page - Balluff Korea Ltd. BES025U Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES G06K40-PSC15B-FP02
Order Code: BES025U
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 161940
ETIM 6.0: EC002714
BES025U_0.32_2020-03-05
2 / 2
Material
Housing material
PBT
Material jacket
PUR
Material sensing surface
PBT
Mechanical data
Dimension
Ø 6.5 x 6 mm
Installation
for flush mounting
Size
D6.5
Output/Interface
Switching output
PNP normally open (NO)
Range/Distance
Assured operating distance Sa
1.2 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
1.5 mm
Real switching distance sr
1.5 mm
Repeat accuracy max. (% of Sr)
5.0 %
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
The sensor is functional again after the overload has been eliminated.
EMC: EMC protection circuit required, see 825345. IVW: 2.2
Max. pull force on cable 10 N.
Installation: Hole 6.50 H7, glue with Ergo 5634 or UHU Plus
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com