Electronic Components Datasheet Search
  English  ▼

X  

PIO-32 Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # PIO-32
Description  Isolated Digital I/O Board for PCI
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

PIO-32 Datasheet(HTML) 2 Page - Contec Co., Ltd

  PIO-32 Datasheet HTML 1Page - Contec Co., Ltd PIO-32 Datasheet HTML 2Page - Contec Co., Ltd PIO-32 Datasheet HTML 3Page - Contec Co., Ltd PIO-32 Datasheet HTML 4Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ver.1.12
Ver.1.10
PIO-32/32H(PCI)H
2
Driver Software Library API-PAC(W32) (Bundled)
API-PAC(W32) is the library software that provides the
commands for CONTEC hardware products in the form of
Windows standard Win32 API functions (DLL).
It makes it
easy to create high-speed application software taking
advantage of the CONTEC hardware using various
programming languages that support Win32 API functions,
such as Visual Basic and Visual C/C++.
It can also be used by the installed diagnosis program to check
hardware operations.
CONTEC provides download services to supply the updated
drivers and differential files.
For details, read Help on the bundled Disk or visit the
CONTEC’s Web site.
Linux version of digital I/O driver API-DIO(LNX) (Supplied:
Stored on the API-PAC(W32) Disk)
This driver is used to control CONTEC digital I/O boards (PC
cards) from within Linux.
You can control CONTEC I/O boards easily using the shared
library used by gcc and Kylix, the device driver (module) for
each kernel version, and the board (PC card) configuration
program (config).
CONTEC provides download services to supply the updated
drivers and differential files.
For details, read Help on the bundled Disk or visit the
CONTEC’s Web site.
Data acquisition VI library for LabVIEW VI-DAQ
(Free download)
This is a VI library to use in National Instruments LabVIEW.
VI-DAQ is created with a function form similar to that of
LabVIEW's Data Acquisition VI, allowing you to use various
devices without complicated settings.
See http://www.contec.com/vidaq/ for details and download of
VI-DAQ.
Board [PIO-
32/32H(PCI)H] …1
First step guide … 1
Disk *1 [API-
PAC(W32)] …1
Serial number label…1
Produc
t Registration Card & Warranty Certificate…1
*1
The Disk
contains the driver software and User’s Guide.
Accessories (Option)
Relay Terminal Unit for Crimping
: EPD-96 *1
Terminal Unit for Cables
: DTP-64(PC)
1
Relay Terminal Unit for Crimping
: EPD-37A *2
Relay Terminal Unit for Crimping
: EPD-37 *2
Converter Board
(96-pin half to two 37-pin female D-SUB) : CCB-96 *3
*1
A PCB96P or PCB96PS optional cable is required separately.
*2
A PCB96W or PCB96WS optional cable is required separately.
*3
Option cable PCB96P or PCB96PS, and the cable for 37-pin D-SUB are required
separately.
*
Check the CONTEC’s Web site for more information on these options.
Cable (Option)
Shield Cable with 96-Pin Half-Pitch Connector
at Both Ends (Mold Type)
: PCB96PS-0.5P (0.5m)
: PCB96PS-1.5P (1.5m)
: PCB96PS-3P (3m)
: PCB96PS-5P (5m)
Flat Cable with 96-Pin Half-Pitch Connectors
at Both Ends
: PCB96P-1.5 (1.5m)
: PCB96P-3 (3m)
: PCB96P-5 (5m)
Shield Cable with 96-Pin Half-Pitch Connector
at One End (Mold Type)
: PCA96PS-0.5P (0.5m)
: PCA96PS-1.5P (1.5m)
: PCA96PS-3P (3m)
: PCA96PS-5P (5m)
Flat Cable with 96-Pin Half-Pitch Connector
at One End
: PCA96P-1.5 (1.5m)
: PCA96P-3 (3m)
: PCA96P-5 (5m)
Distribution Shield Cable with 96-Pin Half-Pitch
Connector (96Pin
37Pin x 2)
: PCB96WS-1.5P (1.5m)
: PCB96WS-3P (3m)
: PCB96WS-5P (5m)
Distribution Flat Cable with 96-Pin Half-Pitch
Connector (96Pin
37Pin x 2)
: PCB96W-1.5 (1.5m)
: PCB96W-3 (3m)
: PCB96W-5 (5m)
Connector (Option)
Half Pitch 96-Pin Female
Connector Set (5 Pieces)
: CN5-H96F
Opto-
coupler
&
Transistors
PIO-32/32H(PCI)H
Interrupt
Control
Circuit
Control
Circuits
Opto-
coupler
Opto-
coupler
Opto-
coupler
Opto-
coupler
Opto-
coupler
&
Transistors
Opto-
coupler
&
Transistors
Opto-
coupler
&
Transistors
External Digital
Input Port0
(8 channels, Group 0)
External Digital
Input Port1
(8 channels, Group 1)
External Digital
Input Port2
(8 channels, Group 2)
External Digital
Input Port3
(8 channels, Group 3)
External Digital
Output Port0
(8 channels, Group 4)
External Digital
Output Port1
(8 channels, Group 5)
External Digital
Output Port2
(8 channels, Group 6)
External Digital
Output Port3
(8 channels, Group 7)
Support Software
Cable & Connector
Block Diagram
Support Software
Support Software
Cable & Connector
Packing List
Accessories



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com