Electronic Components Datasheet Search
  English  ▼

X  

PIO-32 Datasheet(PDF) 3 Page - Contec Co., Ltd

Part # PIO-32
Description  Isolated Digital I/O Board for PCI
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

PIO-32 Datasheet(HTML) 3 Page - Contec Co., Ltd

  PIO-32 Datasheet HTML 1Page - Contec Co., Ltd PIO-32 Datasheet HTML 2Page - Contec Co., Ltd PIO-32 Datasheet HTML 3Page - Contec Co., Ltd PIO-32 Datasheet HTML 4Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ver.1.12
Ver.1.10
PIO-32/32H(PCI)H
3
Connecting a Device to a Connector
To connect an external device to this board, plug the cable from
the device into the interface connector shown below.
B48
B47
A48
A47
A02
A01
B02
B01
Interface connector (CN1)
- Connector used
PCR-E96LMD (mfd. by HONDA)
- Applicable connectors
PCR-E96FA (mfd. by HONDA)
Connector Pin Assignment
Pin Assignments of Interface Connector
+6 port (output)
Common plus pin for
+6/+7 output ports
+5 port (output)
+4 port (output)
+7 port (output)
N.C.
Common minus pin for
+6/+7 output ports
Common plus pin for
+4/+5 output ports
Common minus pin for
+4/+5 output ports
[49]
[1]
[96]
[48]
B48
B47
B46
B45
B44
B43
B42
B41
B40
B39
B38
B37
B36
B35
B34
B33
B32
B31
B30
B29
B28
B27
B26
B25
B24
B23
B22
B21
B20
B19
B18
B17
B16
B15
B14
B13
B12
B11
B10
B09
B08
B07
B06
B05
B04
B03
B02
B01
A48
A47
A46
A45
A44
A43
A42
A41
A40
A39
A38
A37
A36
A35
A34
A33
A32
A31
A30
A29
A28
A27
A26
A25
A24
A23
A22
A21
A20
A19
A18
A17
A16
A15
A14
A13
A12
A11
A10
A09
A08
A07
A06
A05
A04
A03
A02
A01
IP 2/3
IP 2/3
I-37
I-36
I-35
I-34
I-33
I-32
I-31
I-30
I-27
I-26
I-25
I-24
I-23
I-22
I-21
I-20
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C
N.C.
N.C.
IP 0/1
IP 0/1
I-17
I-16
I-15
I-14
I-13
I-12
I-11
I-10
I-07
I-06
I-05
I-04
I-03
I-02
I-01
I-00
N.C.
N.C.
OP 6/7
OP 6/7
O-77
O-76
O-75
O-74
O-73
O-72
O-71
O-70
O-67
O-66
O-65
O-64
O-63
O-62
O-61
O-60
ON 6/7
ON 6/7
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
OP 4/5
OP 4/5
O-57
O-56
O-55
O-54
O-53
O-52
O-51
O-50
O-47
O-46
O-45
O-44
O-43
O-42
O-41
O-40
ON 4/5
ON 4/5
Common plus pin for
+0/+1 intput ports
+3 port (input)
+2 port (input)
+1 port (input)
+0 port (input)
N.C.
Common plus pin for
+2/+3 intput ports
N.C.
The numbers in square brackets [ ] are pin numbers designated by
HONDA TSUSHIN KOGYO CO., LTD.
* I-00 - I-37 can be used as interrupt signal.
I-00 - I-37
32 input signal pins. Connect output signals from the external device to these
pins.
O-40 - O-77
32 output signal pins. Connect these pins to the input signal pins of the
external device.
IP 0/1 - IP 2/3
Connect the positive side of the external power supply.
These pins are
common to 16 input signal pins.
OP 4/5 - OP 6/7 Connect the positive side of the external power supply.
These pins are
common to 16 output signal pins.
ON 4/5 - ON 6/7 Connect the negative side of the external power supply.
These pins are
common to 16 output signal pins.
N.C.
This pin is left unconnected.
Connect the input signals to a device which can be
current-driven, such as a switch or transistor output device.
The connection requires an external power supply to feed
currents.
The board inputs the ON/OFF state of the current-driven device
as a digital value.
Input Circuit
External device
Board
Vcc
Vcc
Input pin
Input pin
Plus
common
External
power supply
24 - 48VDC
Swich
Swich
* Input pin represents I-xx.
un-connect
un-connect
Optocoupler
Optocoupler
The input circuits of interface blocks of this board are illustrated
in the image above.
The signal inputs are isolated by the Optocoupler (ready to
accept current sinking output signals).
The board therefore
requires an external power supply to drive the inputs.
The
power requirement for each input pin is about 3.2mA at 48VDC
(about 1.6mA at 24VDC).
Connecting a Switch
O-40 (CN1 : B03pin)
LED
5.1k
Output plus common (CN1 : B19pin)
Output minus common (CN1 : B01pin)
When "1" is output to a relevant bit, the corresponding LED comes on.
When "0" is output to the bit, in contrast, the LED goes out.
External
power supply
24 - 48VDC
+
-
Using the On-board Connectors
Connecting Input Signals



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com