Electronic Components Datasheet Search
  English  ▼

X  

TPS628600YCHR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS628600YCHR
Description  1.8-V to 5.5-V Input, 0.6-/1-A Synchronous Step-Down Converter with I2C/VSEL Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS628600YCHR Datasheet(HTML) 3 Page - Texas Instruments

  TPS628600YCHR Datasheet HTML 1Page - Texas Instruments TPS628600YCHR Datasheet HTML 2Page - Texas Instruments TPS628600YCHR Datasheet HTML 3Page - Texas Instruments TPS628600YCHR Datasheet HTML 4Page - Texas Instruments TPS628600YCHR Datasheet HTML 5Page - Texas Instruments TPS628600YCHR Datasheet HTML 6Page - Texas Instruments TPS628600YCHR Datasheet HTML 7Page - Texas Instruments TPS628600YCHR Datasheet HTML 8Page - Texas Instruments TPS628600YCHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
5 Device Comparison Table
ORDERABLE PART NUMBER OUTPUT CURRENT
DEFAULT VO SETTING
FSW
USER INTERFACE
TPS628600YCH
0.6 A
0.6 V, 1.1 V
1.5 MHz
EN, I2C, VSEL
TPS628601YCH
0.6 A
0.6 V, 0.7 V, 0.8 V, 1.0 V
1.5 MHz
2x VSEL, EN, PG
TPS628610YCH
1 A
0.6 V, 1.1 V
4 MHz
EN, I2C, VSEL
6 Pin Configuration and Functions
A
B
C
D
1
2
Figure 6-1. 8-Pin DSBGA YCH Package (Top View)
Pin Functions, TPS628610 and TPS628600
PIN
I/O
DESCRIPTION
NAME
NO.
GND
D2
PWR
GND supply pin. Connect this pin close to the GND terminal of the input and output
capacitor.
VOS
D1
IN
Output voltage sense pin for the internal feedback divider network and regulation loop. This
pin also discharges VOUT by an internal MOSFET when the converter is disabled. Connect
this pin directly to the output capacitor with a short trace.
VIN
C2
PWR
VIN power supply pin. Connect the input capacitor close to this pin for best noise and voltage
spike suppression. A ceramic capacitor is required.
SW
C1
PWR
The switch pin is connected to the internal MOSFET switches. Connect the inductor to this
terminal.
VSEL
B2
IN
Voltage Selection Pin. Can be toggled during operation. LOW = 0.6 V, HIGH = 1.1 V
EN
B1
IN
A high level enables the devices and a low level turns the device off. The pin features an
internal pulldown resistor, which is disabled once the device has started up.
SDA
A2
IN
I2C serial data pin. Do not leave floating.
SCL
A1
IN
I2C serial clock pin. Do not leave floating.
www.ti.com
TPS62860, TPS62861
SLUSDU8B – APRIL 2020 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS62860 TPS62861



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com