Electronic Components Datasheet Search
  English  ▼

X  

TPS628600YCHR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS628600YCHR
Description  1.8-V to 5.5-V Input, 0.6-/1-A Synchronous Step-Down Converter with I2C/VSEL Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS628600YCHR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS628600YCHR Datasheet HTML 17Page - Texas Instruments TPS628600YCHR Datasheet HTML 18Page - Texas Instruments TPS628600YCHR Datasheet HTML 19Page - Texas Instruments TPS628600YCHR Datasheet HTML 20Page - Texas Instruments TPS628600YCHR Datasheet HTML 21Page - Texas Instruments TPS628600YCHR Datasheet HTML 22Page - Texas Instruments TPS628600YCHR Datasheet HTML 23Page - Texas Instruments TPS628600YCHR Datasheet HTML 24Page - Texas Instruments TPS628600YCHR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
9.2.2 Detailed Design Procedure
9.2.2.1 Inductor Selection
The inductor value affects the peak-to-peak ripple current, the PWM-to-PFM transition point, the output voltage
ripple, and the efficiency. The selected inductor has to be rated for its DC resistance and saturation current. The
inductor ripple current (ΔIL) decreases with higher inductance and increases with higher VIN or VOUT and can be
estimated according to Equation 1.
Equation 2 calculates the maximum inductor current under static load conditions. The saturation current of the
inductor must be rated higher than the maximum inductor current, as calculated with Equation 2. This is
recommended because during a heavy load transient the inductor current rises above the calculated value. A
more conservative way is to select the inductor saturation current according to the high side MOSFET switch
current limit, ILIMF.
L
Vout
1
Vin
I
= Vout
L
-
D
´
´ ¦
(1)
L
Lmax
outmax
I
I
= I
+
2
D
(2)
where
• f = Switching frequency
• L = Inductor value
• ΔIL= Peak-to-peak inductor ripple current
• ILmax = Maximum inductor current
Table 9-2 shows a list of possible inductors.
Table 9-2. List of Possible Inductors
INDUCTANCE [µH]
INDUCTOR SERIES
SIZE IMPERIAL
(METRIC)
DIMENSIONS L x W X T
SUPPLIER(1)
0.47
DFE18SAN_G0
0603 (1608)
1.6mm x 0.8mm x 1.0mm max
Murata
0.47
HTEB16080F
0603 (1608)
1.6mm x 0.8mm x 0.6mm max.
Cyntec
0.47
HTET1005FE
0402 (1005)
1.0mm x 0.5mm x 0.65mm max.
Cyntec
0.47
TFM160808ALC
0603 (1608)
1.6mm x 0.8mm x 0.8mm max.
TDK
(1)
See Third-party Products Disclaimer
9.2.2.2 Output Capacitor Selection
The DCS-Control™ scheme of the TPS6286x allows the use of tiny ceramic capacitors. Ceramic capacitors with
low ESR values have the lowest output voltage ripple and are recommended. The output capacitor requires
either an X7R or X5R dielectric. At light load currents, the converter operates in Power Save Mode and the
output voltage ripple is dependent on the output capacitor value. A larger output capacitors can be used
reducing the output voltage ripple.
The inductor and output capacitor together provide a low-pass filter. To simplify this process, Table 9-3 outlines
possible inductor and capacitor value combinations.
www.ti.com
TPS62860, TPS62861
SLUSDU8B – APRIL 2020 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS62860 TPS62861



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com