Electronic Components Datasheet Search
  English  ▼

X  

TPS65150PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65150PWPR
Description  Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65150PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS65150PWPR Datasheet HTML 1Page - Texas Instruments TPS65150PWPR Datasheet HTML 2Page - Texas Instruments TPS65150PWPR Datasheet HTML 3Page - Texas Instruments TPS65150PWPR Datasheet HTML 4Page - Texas Instruments TPS65150PWPR Datasheet HTML 5Page - Texas Instruments TPS65150PWPR Datasheet HTML 6Page - Texas Instruments TPS65150PWPR Datasheet HTML 7Page - Texas Instruments TPS65150PWPR Datasheet HTML 8Page - Texas Instruments TPS65150PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS65150
SLVS576 – SEPTEMBER 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
The same internal circuit can also be used to provide a gate shaping signal of VGH for the LCD panel controlled
by the signal applied to the CTRL input. For highest safety the TPS65150 has an integrated adjustable shutdown
latch feature to allow application specific flexibility. The device monitors the outputs (Vs, VGL, VGH); and, as
soon as one of the outputs falls below its power good threshold, the device enters shutdown latch, after its
adjustable delay time has passed by.
ORDERING INFORMATION(1)
TA
ORDERING NUMBER
PACKAGE(2)
PACKAGE MARKING
TPS65150PWP
TSSOP24 (PWP)
TPS65150
–40
°C to 85°C
TPS65150RGE
QFN-24 (RGE)
TPS65150
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
The PWP package is available taped and reeled. Add R suffix to the device type (TPS65150PWPR) to order quantities of 2000 and
(TPS65150RGER) to order quantities of 3000 devices per reel. Without suffix the device is shipped in tubes.
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
Voltages on pin VIN(2)
–0.3 V to 7 V
Voltages on pin SUP
–0.3 V to 15.5 V
Voltage on pin SW
20 V
Voltage on CTRL
–0.3 V to 7 V
Voltage on GD
15.5 V
Voltage on CPI
32V
Continuous power dissipation
See Dissipation Rating Table
Operating junction temperature range
–40
°C to 150°C
Storage temperature range
–65
°C to 150°C
Lead temperature (soldering, 10 sec)
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
θ
JA
POWER RATING
POWER RATING
POWER RATING
24 pin TSSOP
30.13 C
°/W (PowerPad™
3.3 W
1.83 W
1.32 W
soldered)
24 pin QFN
30 C
°/W (PowerPadTM soldered)
3.3 W
1.8 W
1.3 W
MIN
TYP
MAX
UNIT
VIN
Input voltage range
1.8
6.0
V
VS
Output voltage range of the main boost converter VS
15
V
L
Inductor(1)
4.7
µH
TA
Operating ambient temperature
–40
85
°C
(1)
Refer to application section for further information.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com