Electronic Components Datasheet Search
  English  ▼

X  

TPS65150PWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65150PWPR
Description  Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65150PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS65150PWPR Datasheet HTML 17Page - Texas Instruments TPS65150PWPR Datasheet HTML 18Page - Texas Instruments TPS65150PWPR Datasheet HTML 19Page - Texas Instruments TPS65150PWPR Datasheet HTML 20Page - Texas Instruments TPS65150PWPR Datasheet HTML 21Page - Texas Instruments TPS65150PWPR Datasheet HTML 22Page - Texas Instruments TPS65150PWPR Datasheet HTML 23Page - Texas Instruments TPS65150PWPR Datasheet HTML 24Page - Texas Instruments TPS65150PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
www.ti.com
APPLICATION INFORMATION
VIN
DRVN
FBN
REF
COMP
SW SW
SUP
DRVP
GD
CPI
FBP
GND
PGND
PGND
VCOM
TPS65150
D1
D2
D3
CTRL
VGH
23 V/20 mA
VGH
VGH
Contol Signal
D4
D5
D6
D7
FB
SW
IN
CPI
CPI
VCOM
Output
R8
500 kW
R7
500 kW
C6
1 nF
L1
3.9 mH
C1
22 mF
C7
0.33 mF
R3
620 kW
R4
150 kW
C3
0.33 mF
C8
220 nF
R9
33 kW
C9
470 pF
C10
C11
C12
22 pF 10 nF 10 nF
C5
1 mF
0.33 mF
C16
C17
0.33 mF
C4
0.33 mF
C18
0.33 mF
R5
1 MW
R6
56 kW
C2
22 mF
Vs
10 V/400 mA
R2
56 kW
R2
430 kW
C15
33 pF
C14
1 mF
VGL
−5 V/20 mA
Vin
3.3 V
C13
100 nF
VIN
VIN
DRVN
FBN
REF
COMP
SW SW
SUP
DRVP
GD
CPI
FBP
GND
PGND
PGND
VCOM
TPS65150
D1
D2
D3
CTRL
VGH
23 V/20 mA
VGH
VGH
Contol Signal
D4
D5
D6
D7
FB
SW
IN
CPI
CPI
VCOM
Output
R8
500 kW
R7
500 kW
C6
1 nF
L1
3.9 mH
C1
22 mF
C7
0.33 mF
R3
620 kW
R4
150 kW
C3
0.33 mF
C8
220 nF
R9
68 kW
C9
470 pF
C10
C11
C12
22 pF 10 nF 10 nF
C5
1 mF
0.33 mF
C16
C17
0.33 mF
C4
0.33 mF
C18
0.33 mF
R5
1 MW
R6
56 kW
C2
22 mF
Vs
10 V/280 mA
R2
56 kW
R2
430 kW
C15
47 pF
C14
1 mF
VGL
−5 V/20 mA
Vin
2.5 V
C13
100 nF
VIN
TPS65150
SLVS576 – SEPTEMBER 2005
Figure 21. Notebook LCD Supply powered from a 3.3V rail
Figure 22. Notebook LCD Supply powered from a 2.5V rail
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com