Electronic Components Datasheet Search
  English  ▼

X  

ADP1074 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP1074
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP1074 Datasheet HTML 20Page - Analog Devices ADP1074 Datasheet HTML 21Page - Analog Devices ADP1074 Datasheet HTML 22Page - Analog Devices ADP1074 Datasheet HTML 23Page - Analog Devices ADP1074 Datasheet HTML 24Page - Analog Devices ADP1074 Datasheet HTML 25Page - Analog Devices ADP1074 Datasheet HTML 26Page - Analog Devices ADP1074 Datasheet HTML 27Page - Analog Devices ADP1074 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADP1074
Data Sheet
Rev. D | Page 24 of 32
OCP/FEEDBACK RECOVERY
During steady state, the FB pin is at 1.2 V. At this time, the SS2
pin voltage is 1.4 V. Under abnormal situations, such as an
overload condition, the output voltage can dip severely. In such
an event, the current limit is at the maximum level, and the
COMP pin voltage is at its clamp level. If the two conditions of
the COMP pin voltage being clamped and VFB < (1.2 V – 100 mV)
are satisfied, the controller discharges the SS2 pin using a fast
current sink (200 μA) to make the SS2 pin equal to the FB pin.
The controller then attempts to perform a soft start from this
precharged condition, that is, from the last known value of the
output voltage. This process is how the OCP/feedback recovery
feature operates.
However, if at any time the voltage on the COMP pin is above
the maximum clamp voltage for a period greater than 1.5 ms,
the system enters hiccup mode.
During the soft start from precharge, the output voltage rises at
the same rate as determined by the capacitor on the SS2 pin. If,
however, there is a detrimental fault in the power stage that
prevents the rise of the output voltage, VFB does not track SS2,
and when SS2 > (VFB + 100 mV), the COMP pin voltage increases
to the clamp level, and the system again enters OCP/feedback
recovery mode.
OUTPUT VOLTAGE TRACKING
The ADP1074 offers a tracking feature. During steady state, the
FB pin is at 1.2 V. At this time, the SS2 pin voltage is at 1.4 V.
Using an external DAC, the voltage on the SS2 pin can
modulate the output voltage. It is recommended that the SS2
pin voltage be changed only after the VDD2 UVLO point is
crossed, and control is handed over to the secondary side, or
else the handover process does not occur smoothly, resulting in
glitches in the output voltage. Ideally, the PGOOD pin can be
used as a signal that indicates that regulation is achieved, to initiate
the tracking.
The SS2 voltage must be brought down from 1.4 V to 1.2 V, and
it must be brought down even further to effect any change in the
output voltage. The rate at which the output tracks the SS2 pin is
dependent upon the overall system bandwidth. Note that while
modulating the output voltage, if the FB pin voltage drops
below (1.2 V − 100 mV = 1.1 V), the PGOOD pin toggles.
REMOTE SYSTEM RESET
For a remote (secondary side) system shutdown, an open-drain
general-purpose input/output (GPIO) of an external micro-
controller can be used to force the SS2 pin to 0 V. This pull-down
causes the ADP1074 to regulate to 0 V, and the ADP1074
enters pulse skip mode or outputs a minimum duty cycle
because the SS2 pin offsets because of the finite resistance of the
GPIO.
When VDD2 is charged from the output bus, this setup is
equivalent to a system shutdown, because when VDD2 <
VDD2 UVLO, the ADP1074 enters a special hiccup mode of
200 ms (instead of the standard 40 ms hiccup).
When VDD2 is powered using auxiliary winding, the system
regulates to the voltage proportional to the voltage on the SS2 pin
and eventually enters the special hiccup mode previously
mentioned, after the auxiliary rail decays below the VDD2
UVLO threshold.
Therefore, the SS2 pin can achieve output tracking as well as a
secondary side shutdown, also known as remote system reset,
as shown in Figure 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com