Electronic Components Datasheet Search
  English  ▼

X  

ADP1074 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP1074
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP1074 Datasheet HTML 24Page - Analog Devices ADP1074 Datasheet HTML 25Page - Analog Devices ADP1074 Datasheet HTML 26Page - Analog Devices ADP1074 Datasheet HTML 27Page - Analog Devices ADP1074 Datasheet HTML 28Page - Analog Devices ADP1074 Datasheet HTML 29Page - Analog Devices ADP1074 Datasheet HTML 30Page - Analog Devices ADP1074 Datasheet HTML 31Page - Analog Devices ADP1074 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
ADP1074
Rev. D | Page 29 of 32
VIN
R1
14kΩ
114mW
AT 48V
C1
10µF
ZENER
VIN
TO VREG1
VBIAS = 8V TO 13V
ACTIVE
CLAMP
PMOS
NMOS
SR2
SR1
RRAMP
RSENSE
RDT
RTOP
RBOT
CSS1
VOUT
CS
EN
VREG1
NGATE
PGATE
SYNC
SS1
DMAX
RT
PGND1
AGND1
EXTERNAL START-UP CIRCUIT
SR1
SR2
VDD2
VREG2
COMP
FB
OVP
SS2
PGOOD
MODE
PGND2
AGND2
ADP1074
Figure 26. Typical Application Circuit for Active Clamp Forward Topology with Simple Start-Up Circuit and Bias Winding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com