Electronic Components Datasheet Search
  English  ▼

X  

EC700-AL Datasheet(PDF) 2 Page - DFI Inc

Part # EC700-AL
Description  Fanless Embedded System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC700-AL Datasheet(HTML) 2 Page - DFI Inc

  EC700-AL Datasheet HTML 1Page - DFI Inc EC700-AL Datasheet HTML 2Page - DFI Inc EC700-AL Datasheet HTML 3Page - DFI Inc EC700-AL Datasheet HTML 4Page - DFI Inc EC700-AL Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EC700-AL
Specifications
SYSTEM
Processor
Intel Atom® Processor E3900 Series, BGA 1296
Intel Atom® x7-E3950 Processor, Quad Core, 2M Cache, 1.6GHz (2.0GHz), 12W
Intel Atom® x5-E3940 Processor, Quad Core, 2M Cache, 1.6GHz (1.8GHz), 9W
Intel Atom® x5-E3930 Processor, Dual Core, 2M Cache, 1.3GHz (1.8GHz), 6W
Intel® Pentium® Processor N4200, Quad Core, 2M Cache, 1.1GHz (2.5GHz), 6W
Intel® Celeron® Processor N3350, Dual Core, 2M Cache, 1.1GHz (2.4GHz), 6W
Intel® Celeron® Processor J3355, Dual Core, 2M Cache, 2.0GHz (2.5GHz), 10W
Intel® Celeron® Processor J3455, Quad Core, 2M Cache, 1.5GHz (2.3GHz), 10W
Memory
2GB/4GB/8GB Memory onboard
One 204-pin SODIMM up to 8GB
Total Memory up to 8GB
BIOS
Insyde SPI 128Mbit (supports UEFI/Legacy mode)
GRAPHICS
Controller
Intel® HD Graphics
Feature
OpenGL 4.2, Direct X 11.1, OpenCL 1.2, OGL ES 3.0
HW Decode: H.264, MPEG2, VC1, VP8, H.265, MPEG4, MVC, VP9, WMV9, JPEG/MJPEG
HW Encode: H.264, MPEG4, VP8, H.265, MVC
Display
1 x DP/HDMI Auto-detection
(DP support 4k/HDMI support 1080p)
1 x DP or 1 x VGA
HDMI:resolution up to 3840x2160@30Hz
DP: resolution up to 4096x2160 @ 60Hz
VGA: resolution up to 1920x1200 @ 60Hz
Dual Displays
DP/HDMI + VGA or DP/HDMI + DP
STORAGE
Internal
Support EMMC up to 8G/16GB/32GB/64GB (optional)
Only EC700-AL-2LD / EC700-AL-3LD supports: 1 x 2.5" SATA 3.0 Drive Bay (support thickness 7mm HDD or
SSD)
EXPANSION
Interface
1 x Full-size mSATA (SATA/LPC)
1 x Full-size Mini PCIe (USB2.0/reset/nano-SIM)
1 x M.2 (2230 E Key) (PCIe/USB2.0)
ETHERNET
Controller
EC700-AL-2L: 2 x Intel® I210IT PCIe (10/100/1000Mbps)
EC700-AL-4L: 4 x Intel® I210IT PCIe (10/100/1000Mbps)
LED
Indicators
1 x Power LED
1 x Status LED
FRONT I/O
Ethernet
EC700-AL-4L: 1 x GbE (RJ-45)
Serial
3 x RS-232/422/485 (DB-9) (8-bit DIO available upon request)
Display
1 x DP/HDMI combo
Buttons
1 x Power Button
1 x Reset Button
Wi-Fi Antenna
3 x Wi-Fi Antenna Hole
REAR I/O
Ethernet
EC700-AL-2L: 2 x GbE (RJ-45)
EC700-AL-4L: 3 x GbE (RJ-45)
Serial
1 x RS-232/422/485 (DB-9)
Display
1 x DP or 1 x VGA
USB
EC700-AL-2L: 4 x USB 3.0 (type A)
EC700-AL-4L: 2 x USB 3.0 (type A)
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Type
Wide Range 9~36V
Connector
DC Jack
OS SUPPORT
(UEFI ONLY)
Windows 10 IoT (64-bit)
Windows 7 (32/64-bit) Project support
Linux
MECHANISM
Construction
Aluminum + Metal
Mounting
Wall/VESA/DIN Rail Mount (available upon request)
Dimensions (W x H x D) 180mm x 33mm x 121.2mm
Weight
700g
ENVIRONMENT
Operating Temperature -20 to 60°C
-40 to 70°C
Storage Temperature
-40 to 85°C
Relative Humidity
5 to 95% RH (non-condensing)
STANDARDS AND
CERTIFICATIONS
Certification
CE, FCC class A
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 13, 2020 DFI Inc.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com