Electronic Components Datasheet Search
  English  ▼

X  

EC700-AL Datasheet(PDF) 1 Page - DFI Inc

Part # EC700-AL
Description  Fanless Embedded System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC700-AL Datasheet(HTML) 1 Page - DFI Inc

  EC700-AL Datasheet HTML 1Page - DFI Inc EC700-AL Datasheet HTML 2Page - DFI Inc EC700-AL Datasheet HTML 3Page - DFI Inc EC700-AL Datasheet HTML 4Page - DFI Inc EC700-AL Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EC700-AL
Intel Atom® Processor E3900 Series
Fanless Embedded System
Features
• Compact and Fanless Embedded System
• DDR3L-1866 memory onboard + 1 SODIMM up to 8GB
• Displays: 1 DP/HDMI Auto-detection + 1 DP or 1 VGA
• Supports 2 Mini PCIe and 1 M.2 slots
• Rich I/O ports: up to 4 Intel GbE, 4 COM, 4 USB
• Extended operating temperature: -40 to 70°C
• Windows 7/10/Linux Support
• Cableless use case capable
Atom
Panel
Dimensions
180.00
Right View
Left View
Rear View
Front View
(1VGA+1DP)
Top View
Rear View (2Lan+4USB)
Front View (2Lan+4USB)
LAN 3 Power Button
Reset/Status LED
VGA
COM 1/2
mSATA
Wide Voltage
9V
36V
Wide
Temperature
Wi-Fi
70°C
-40°C
USB 3.0
DDR3L
DC-in
Antenna
hole
HDMI/DP
COM 3/4
LAN 1/2/4
Front View
(2DP)
OR
Rear View (4Lan+2USB)
Front View (4Lan+2USB)


Similar Part No. - EC700-AL

ManufacturerPart #DatasheetDescription
logo
DFI Inc
EC700-ADN DFI-EC700-ADN Datasheet
1Mb / 7P
Intel® Processor N-series/Atom® Processor X Series Fanless Embedded System
EC700-ASL DFI-EC700-ASL Datasheet
1Mb / 7P
Intel® Processor Industrial RE Series Fanless Embedded System
More results

Similar Description - EC700-AL

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
UST500-517-FL AXIOMTEK-UST500-517-FL Datasheet
1Mb / 2P
Fanless Embedded System
logo
Contec Co., Ltd
BX-S959SD CONTEC-BX-S959SD Datasheet
364Kb / 2P
Embedded Fanless System
BX-S3000 CONTEC-BX-S3000 Datasheet
5Mb / 2P
Embedded Fanless System
BX-S3300 CONTEC-BX-S3300 Datasheet
8Mb / 2P
Embedded Fanless System
logo
DFI Inc
EB100-KU DFI-EB100-KU Datasheet
1Mb / 4P
Fanless Embedded System
EC70A-KU DFI-EC70A-KU Datasheet
1Mb / 4P
Fanless Embedded System
EC70B-SU DFI-EC70B-SU Datasheet
1Mb / 4P
Fanless Embedded System
EC700-BT DFI-EC700-BT Datasheet
1Mb / 4P
Fanless Embedded System
EC900-FS6 DFI-EC900-FS6 Datasheet
721Kb / 4P
Fanless Embedded System
EC700-BT6051 DFI-EC700-BT6051 Datasheet
1Mb / 4P
Fanless Embedded System
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com