Electronic Components Datasheet Search
  English  ▼

X  

PCF8536AT Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF8536AT
Description  Automotive 80 횞 4 LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF8536AT Datasheet HTML 33Page - NXP Semiconductors PCF8536AT Datasheet HTML 34Page - NXP Semiconductors PCF8536AT Datasheet HTML 35Page - NXP Semiconductors PCF8536AT Datasheet HTML 36Page - NXP Semiconductors PCF8536AT Datasheet HTML 37Page - NXP Semiconductors PCF8536AT Datasheet HTML 38Page - NXP Semiconductors PCF8536AT Datasheet HTML 39Page - NXP Semiconductors PCF8536AT Datasheet HTML 40Page - NXP Semiconductors PCF8536AT Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
PCA85233
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 5 — 12 November 2018
37 of 54
NXP Semiconductors
PCA85233
Automotive 80 × 4 LCD driver for low multiplex rates
For display sizes that are not multiple of 320 segments/elements, a mixed cascaded
system can be considered containing only devices like PCA85233 and PCA85132.
Depending on the application, one must take care of the software command and pin
connection compatibility.
Only one master but multiple slaves are allowed in a cascade. All devices in the cascade
have to use the same clock whether it is supplied externally or provided by the master.
The SYNC line is provided to maintain the correct synchronization between all cascaded
PCA85233. The only time that SYNC is likely to be needed is if synchronization is
accidentally lost (e.g. by noise in adverse electrical environments or by the definition of a
multiplex drive mode when PCA85233 with different SA0 levels are cascaded).
SYNC is organized as an input/output pin; The output selection is realized as an
open-drain driver with an internal pull-up resistor. A PCA85233 asserts the SYNC line at
the onset of its last active backplane signal and monitors the SYNC line at all other times.
If synchronization in the cascade is lost, it is restored by the first PCA85233 to assert
SYNC. The timing relationships between the backplane waveforms and the SYNC signal
for the various drive modes of the PCA85233 are shown in Figure 26.
Fig 26. Synchronization of the cascade for the various PCA85233 drive modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com