Electronic Components Datasheet Search
  English  ▼

X  

KSM215R-ALD24-E40 Datasheet(PDF) 2 Page - DFI Inc

Part # KSM215R-ALD24-E40
Description  Modular-Designed Industrial Panel PC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

KSM215R-ALD24-E40 Datasheet(HTML) 2 Page - DFI Inc

  KSM215R-ALD24-E40 Datasheet HTML 1Page - DFI Inc KSM215R-ALD24-E40 Datasheet HTML 2Page - DFI Inc KSM215R-ALD24-E40 Datasheet HTML 3Page - DFI Inc KSM215R-ALD24-E40 Datasheet HTML 4Page - DFI Inc KSM215R-ALD24-E40 Datasheet HTML 5Page - DFI Inc KSM215R-ALD24-E40 Datasheet HTML 6Page - DFI Inc KSM215R-ALD24-E40 Datasheet HTML 7Page - DFI Inc KSM215R-ALD24-E40 Datasheet HTML 8Page - DFI Inc KSM215R-ALD24-E40 Datasheet HTML 9Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
KSM-AL Series
Standard Ratio Specifications
Model Name
KSM121-AL
KSM150-AL
KSM170-AL
KSM190-AL
Display &
Touch Screen
Display Type
12.1" TFT LCD Panel
15" TFT LCD Panel
17" TFT LCD Panel
19" TFT LCD Panel
Aspect Ratio
4 : 3
4 : 3
5 : 4
5 : 4
Max. Resolution
1024 x 768
1024 x 768
1280 x 1024
1280 x 1024
Brightness (cd/m²)
500
300
350
350
Touch Type
Projected Capacitive / 5-wire Resistive
Backlight Lifetime
(hours)
30,000
70,000
30,000
70,000
Front I/O
USB (Opt.)
1 x USB 2.0
OSD Keypad (Opt.)
Backlight On-Off / Brightness Up / Brightness Down / Audio Up / Audio Down
LED Indicators (Opt.)
Power LED / HDD LED / Alarm LED
Audio
Speaker (Opt.)
2 x 1.5W Speaker
Others
Auto Dimming (Opt.)
Light Sensor
Environment
Operating Temperature -20 to 70°C
-20 to 70°C
0 to 50°C
-20 to 70°C
Storage Temperature
-40 to 80°C
-30 to 70°C
-20 to 60°C
-30 to 85°C
Relative Humidity
5 to 90% RH (non-condensing)
MECHANISM
Construction
Aluminum Front Bezel
IP Rating
IP65 Front Panel Protection
Mounting
Panel/VESA Mount
Dimensions (W x H x D) 308 x 265.3 x 77.9
387 x 320 x 80.5
404 x 363.8 x 80.9
467 x 400 x 80.5
Weight
TBD
5.3 kg
5.4 kg
7.6 kg
STANDARDS
AND
CERTIFICATIONS
Shock
Non-op : 200G, 2ms, half
sine wave, 1 time for ± X, ± Y,
± Z direction
Non-op : 50G, 11ms, half
sine wave, 1 time for ± X, ±
Y, ± Z direction
Non-op : 50G, 20ms, half
sine wave, 1 time for ± X, ± Y,
± Z direction
Non-op : 50G, 20ms, half
sine wave, 1 time for ± X, ±
Y, ± Z direction
Vibration
Non-op: 1.5G, 10 ~ 300 Hz
sine wave, 10 min/cycle, 3
cycles each X, Y, Z direction
Non-op: 1.5G, 10 ~ 300 Hz
sine wave, 10 min/cycle, 3
cycles each X, Y, Z direction
Non-op : 1.5G , 10~200 Hz
random, x, y, z each axis/30
min
Non-op : 1.5G , 10~200 Hz
random, x, y, z each axis/30
min
Certifications
CE / FCC Class A
Patent No.
(Taiwan)
I670589
SYSTEM
Processor
Intel Atom® x5-E3940 Processor, Quad Core, 2M Cache, 1.6GHz (1.8GHz), 9.5W
Intel® Celeron® Processor N3350, Dual Core, 2M Cache, 1.1GHz (2.4GHz), 6W
Memory
One 204-pin SODIMM up to 8GB
Single Channel DDR3L 1866MHz
BIOS
Insyde SPI 128Mbit (supports UEFI boot only)
GRAPHICS
Controller
Intel® HD Graphics
Feature
OpenGL 4.2, Direct X 11.1, OpenCL 1.2, OGL ES 3.0
HW Decode: H.264, MPEG2, VC1, VP8, H.265, MPEG4
HW Encode: H.264, MPEG2, MPEG4
Display
1 x DP++
1 x VGA or DVI-D (DVI-D available upon request)
DP++: resolutionp up to 4096x2160 @ 60Hz
VGA: resolution up to 2560x1600 @ 60Hz
DVI-D: resolution up to 1920x1200 @ 60Hz
Triple Displays
Panel Module, DP++, VGA or DVI-D
STORAGE
External
1 x 2.5" SATA 3.0 Drive Bay (accessible)
1 x mSATA (shared by Half-size Mini-PCIe Socket)
EXPANSION
Interface
1 x Full-size Mini PCIe (USB/PCIe)
1 x Half-size Mini PCIe (USB/PCIe/mSATA)
1 x SIM Slot
AUDIO
Audio Codec
Realtek ALC262
ETHERNET
Controller
2 x Intel® I210IT PCIe (10/100/1000Mbps)
LED
Indicators
1 x Power LED
1 x HDD LED
I/O
Serial
2 x RS-232/422/485 (DB9)
Support 5V/12V Power
2 x RS-232/422/485 (available upon request)
Ethernet
2 x GbE (RJ-45) (10/100/1000Mbps)
Support Jumbo Frame, IEEE1588v2, WOL, PXE
802.3 af PoE (PSE), Individual Port 15.4W (available upon request)
DIO
4 x DI / 4 x DO (10-pin terminal block) (available upon request)
Buttons
1 x Power Button
1 x Reset Switch
Wi-Fi Antennas
4 x Wi-Fi Module Antenna Hole
USB
2 x USB 3.0 (type A)
2 x USB 2.0 (available upon request)
2 x USB 2.0 (type A)
Display
1 x DP++
1 x VGA or DVI-D (DVI-D available upon request)
Audio
1 x Line-out
1 x Mic-in
Switch
1 x AT/ATX Switch
1 x Ignition Power On/Off Switch
Remote Power On/Off 1 x 2-pin Terminal Block
WATCHDOG
TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
OTHER
FUNCTIONS
Ignition Power On/Off Auto Detect Boot-up & Shut-down Voltage for Low Power Protection
Support 12V/24V/48V DC Input
7-level Delay Time On/Off Configuration
I/O Switch Selectable Ignition Power On/Off
Watchdog Timer
System Reset, Programmable via Software from 1 to 255 Seconds
Antenna
4 x Antenna Hole
POWER
Type
24 VDC Input (available upon request)
9~48 VDC Input (available upon request)
Connector
3-pin Terminal Block
OS SUPPORT
Windows 10 IoT Enterprise 64-bit
Linux



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com