Electronic Components Datasheet Search
  English  ▼

X  

KSM215R-ALD24-E40 Datasheet(PDF) 9 Page - DFI Inc

Part # KSM215R-ALD24-E40
Description  Modular-Designed Industrial Panel PC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

KSM215R-ALD24-E40 Datasheet(HTML) 9 Page - DFI Inc

  KSM215R-ALD24-E40 Datasheet HTML 1Page - DFI Inc KSM215R-ALD24-E40 Datasheet HTML 2Page - DFI Inc KSM215R-ALD24-E40 Datasheet HTML 3Page - DFI Inc KSM215R-ALD24-E40 Datasheet HTML 4Page - DFI Inc KSM215R-ALD24-E40 Datasheet HTML 5Page - DFI Inc KSM215R-ALD24-E40 Datasheet HTML 6Page - DFI Inc KSM215R-ALD24-E40 Datasheet HTML 7Page - DFI Inc KSM215R-ALD24-E40 Datasheet HTML 8Page - DFI Inc KSM215R-ALD24-E40 Datasheet HTML 9Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 06, 2020 DFI Inc.
KSM-AL Series
Packing List
Optional Items
• 1 Single box
• 1 3 pin Terminal Block Connector
• 1 2 pin Terminal Block Connector
• 2 Mini PCIe screw
• 4 SATA screw
785-XXX is a group number instead of a unique part number. Please contact your regional sales representative if you need more information.
Optional Items
Optional Items
Part Number
Description
HDD
785-H25500G
2.5" SATA HDD, 500GB, RoHS
785-H25320G
2.5" SATA HDD, 320GB, RoHS
785-S25512G
2.5" SATA SSD, 512GB MLC, RoHS
785-S25256G
2.5" SATA SSD, 256GB MLC, RoHS
785-S25128G
2.5" SATA SSD, 128GB MLC, RoHS
785-S25064G
2.5" SATA SSD, 64GB MLC, RoHS
785-S25032G
2.5" SATA SSD, 32GB MLC, RoHS
mSATA
785-MS128GMF
mSATA mini, 128GB MLC, RoHS
785-MS64GMF
mSATA mini, 64GB MLC, RoHS
785-MS32GMF
mSATA mini, 32GB MLC, RoHS
785-MS16GMF
mSATA mini, 16GB MLC, RoHS
Wi-Fi
761-110091-000G
Wi-Fi Kit, RoHS
Power Cord
785-PWRD
Power Cord, Standards (USA/EUR/CH), 1.8m, RoHS
Power Adapter
671-106017-000G
60W: 12VDC/5A,Terminal Block 3Pin, Pitch 5mm, LV6, RoHS
671-112007-100G
120W: 24VDC/5A,Terminal Block 3Pin, Pitch 5mm, LV6, RoHS
Panel Mount Kit
761-KS0701-000G
KSM070-AL / KSM101-AL / KSM121-AL Panel Mount Kit RoHS
761-P15002-000G
Panel Mount Kit for PMKS150 RoHS
761-P19003-000G
KSM170-AL / KSM190-AL Panel Mount Kit RoHS
TBD
KSM185 Panel Mount Kit RoHS
761-KS2150-000G
KSM215-AL Panel Mount Kit RoHS
VESA Mount
761-TPC000-000G
ACCESSORY WALL MOUNT KITS
Matrix List
Panel Module
PMKS070
PMKS101
PMKS121
PMKS150
PMKS156
PMKS170
PMKS185
PMKS190
PMKS215
Box Module
BMAL
V
V
V
V
V
V
V
V
V
BMSD
V
V
V
V
V
V
BMKH
V
V
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com