Electronic Components Datasheet Search
  English  ▼

X  

IXGP2N100A Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGP2N100A
Description  High Voltage IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP2N100A Datasheet(HTML) 2 Page - IXYS Corporation

  IXGP2N100A Datasheet HTML 1Page - IXYS Corporation IXGP2N100A Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGP 2N100
IXGP 2N100A
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min. Typ.
Max.
g
fs
I
C
= I
C90, VCE = 10 V,
0.7
1.5
S
Pulse test, t < 300 µs, duty cycle < 2 %
C
ies
V
CE = 25 V, VGE = 0 V, f = 1 MHz
101
pF
C
oes
12
pF
C
res
1.8
pF
Q
g
I
C
= I
c90, VGE = 15 V, VCE = 0.5 VCES
7.8
nC
Q
ge
1.5
nC
Q
gc
4.2
nC
t
d(on)
Inductive load, T
J = 25°C
15
ns
t
ri
I
C
= I
C90, VGE = 15 V
20
ns
t
d(off)
R
G = 150 W
300 600
ns
t
fi
VCLAMP = 0.8 V
CES
IXGP2N100
560 1000
ns
IXGP2N100A
180 360
ns
E
off
Note 1
IXGP2N100
0.56
1.2
mJ
IXGP2N100A
0.26
0.6
mJ
t
d(on)
Inductive load, T
J = 125°C
15
ns
t
ri
I
C
= I
C90, VGE = 15 V
25
ns
E
(on)
R
G = R(off) = 150 W
0.3
mJ
t
d(off)
VCLAMP = 0.8 V
CES
400
ns
t
fi
Note 1
IXGP2N100
800
ns
IXGP2N100A
360
ns
IXGP2N100
1.0
mJ
E
off
IXGP2N100A
0.5
mJ
R
thJC
5 K/W
R
thJA
110 K/W
TO-220 Outline
The data herein reflects the advanced objective technical specification and characterization data from engineering lots.
Notes: 1. Switching times may increase for V
CE (Clamp) > 0.8 VCES,
higher T
J or increased RG.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com