Electronic Components Datasheet Search
  English  ▼

X  

IXGP2N100A Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGP2N100A
Description  High Voltage IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP2N100A Datasheet(HTML) 1 Page - IXYS Corporation

  IXGP2N100A Datasheet HTML 1Page - IXYS Corporation IXGP2N100A Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 = Gate
2 = Collector
3 = Emitter
4 = Collector
TO-220
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min. Typ.
Max.
BV
CES
I
C
= 25µA, V
GE = 0 V
1000
V
V
GE(th)
I
C
= 25µA, V
CE = VGE
2.5
5.0
V
I
CES
V
CE = 0.8 VCES
T
J
= 25°C
10
µA
V
GE = 0 V
T
J
= 125°C
200
µA
I
GES
V
CE = 0 V, VGE = ±20 V
+ 50 nA
V
CE(sat)
I
C = IC90, VGE = 15 V
IXGP2N100
2.7
V
IXGP2N100A
3.5
V
95514C (9/00)
High Voltage IGBT
Features
• International standard package
• Low V
CE(sat)
- for low on-state conduction losses
• High current handling capability
• MOS Gate turn-on
- drive simplicity
Applications
• Capacitor discharge
• Anode triggering of thyristors
• DC choppers
• Switched-mode and resonant-mode
power supplies.
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 150°C
1000
V
V
CGR
T
J
= 25°C to 150°C; R
GE = 1 MW
1000
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25°C
4
A
I
C90
T
C
= 90°C
2
A
I
CM
T
C
= 25°C, 1 ms
8
A
SSOA
V
GE = 15 V, TJ = 125°C, RG = 150W
I
CM = 6
A
(RBSOA)
Clamped inductive load
@ 0.8 V
CES
P
C
T
C
= 25°C
25
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
STG
-55 ... +150
°C
Weight
4g
Max. Lead Temperature for
300
°C
Soldering (1.6mm from case for 10s)
V
CES
I
C90
V
CE(SAT)
IXGP 2N100 1000 V 2.0 A
2.7 V
IXGP 2N100A 1000 V 2.0 A
3.5 V
1
3
2
4


Similar Part No. - IXGP2N100A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP20N100 IXYS-IXGP20N100 Datasheet
111Kb / 2P
IGBT
IXGP20N120 IXYS-IXGP20N120 Datasheet
78Kb / 2P
IGBT
IXGP20N120A3 IXYS-IXGP20N120A3 Datasheet
241Kb / 6P
GenX3 1200V IGBTs
IXGP20N120B IXYS-IXGP20N120B Datasheet
586Kb / 5P
High Voltage IGBT with Diode
IXGP20N120B3 IXYS-IXGP20N120B3 Datasheet
218Kb / 6P
GenX3 1200V IGBT
More results

Similar Description - IXGP2N100A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH24N170 IXYS-IXGH24N170 Datasheet
99Kb / 2P
High Voltage IGBT
IXGH32N170 IXYS-IXGH32N170 Datasheet
588Kb / 5P
High Voltage IGBT
IXDA20N120AS IXYS-IXDA20N120AS_11 Datasheet
242Kb / 4P
High Voltage IGBT
IXGH10N170 IXYS-IXGH10N170 Datasheet
195Kb / 5P
High Voltage IGBT
IXGH10N170A IXYS-IXGH10N170A Datasheet
571Kb / 5P
High Voltage IGBT
IXGH16N170A IXYS-IXGH16N170A_05 Datasheet
176Kb / 6P
High Voltage IGBT
IXGH32N170A IXYS-IXGH32N170A Datasheet
578Kb / 5P
High Voltage IGBT
IXST15N120B IXYS-IXST15N120B Datasheet
58Kb / 2P
HIGH Voltage IGBT
IXGP28N120B IXYS-IXGP28N120B Datasheet
570Kb / 5P
High Voltage IGBT
logo
Inchange Semiconductor ...
IXGN100N170 ISC-IXGN100N170 Datasheet
562Kb / 3P
High Voltage IGBT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com