Electronic Components Datasheet Search
  English  ▼

X  

10ETF02 Datasheet(PDF) 2 Page - International Rectifier

Part # 10ETF02
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETF02 Datasheet(HTML) 2 Page - International Rectifier

  10ETF02 Datasheet HTML 1Page - International Rectifier 10ETF02 Datasheet HTML 2Page - International Rectifier 10ETF02 Datasheet HTML 3Page - International Rectifier 10ETF02 Datasheet HTML 4Page - International Rectifier 10ETF02 Datasheet HTML 5Page - International Rectifier 10ETF02 Datasheet HTML 6Page - International Rectifier 10ETF02 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
10ETF.. QUIET
IR Series
Bulletin I2137 rev. B 10/00
I
F(AV) Max. Average Forward Current
10
A
@ T
C = 128° C, 180° conduction half sine wave
I
FSM
Max.PeakOneCycleNon-Repetitive
150
10ms Sine pulse, rated VRRMapplied
SurgeCurrent
160
10msSine pulse,novoltagereapplied
I2t
Max. I2t for fusing
112.5
10ms Sine pulse, rated VRRMapplied
160
10msSinepulse,novoltagereapplied
I2
√t Max.I2√tforfusing
1600
A2
√s
t = 0.1 to 10ms, no voltage reapplied
Part Number
V
RRM , maximum
V
RSM , maximum non repetitive
I
RRM
peak reverse voltage
peak reverse voltage
150°C
VV
mA
10ETF02
200
300
2
10ETF04
400
500
10ETF06
600
700
Voltage Ratings
Absolute Maximum Ratings
Electrical Specifications
Recovery Characteristics
Parameters
10ETF..
Units
Conditions
A
A2s
V
FM
Max. Forward Voltage Drop
1.2
V
@ 10A, T
J = 25°C
r
t
Forward slope resistance
23.5
m
Ω
T
J =
150°C
VF(TO) Threshold voltage
0.85
V
I
RM
Max. Reverse Leakage Current
0.1
T
J =
25 °C
3.0
TJ = 150 °C
Parameters
10ETF..
Units
Conditions
V
R = rated VRRM
mA
t
rr
Reverse Recovery Time
145
ns
I
F @ 10Apk
I
rr
Reverse Recovery Current
2.75
A
@ 25A/ µs
Qrr
Reverse Recovery Charge
0.32
µC
@ 25°C
S
Snap Factor
0.6
Parameters
10ETF..
Units
Conditions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com