Electronic Components Datasheet Search
  English  ▼

X  

10ETF02 Datasheet(PDF) 3 Page - International Rectifier

Part # 10ETF02
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETF02 Datasheet(HTML) 3 Page - International Rectifier

  10ETF02 Datasheet HTML 1Page - International Rectifier 10ETF02 Datasheet HTML 2Page - International Rectifier 10ETF02 Datasheet HTML 3Page - International Rectifier 10ETF02 Datasheet HTML 4Page - International Rectifier 10ETF02 Datasheet HTML 5Page - International Rectifier 10ETF02 Datasheet HTML 6Page - International Rectifier 10ETF02 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
10ETF.. QUIET
IR Series
Bulletin I2137 rev. B 10/00
T
J
Max.JunctionTemperatureRange
- 40 to 150
°C
Tstg Max.StorageTemperatureRange
- 40 to 150
°C
R
thJC Max. Thermal Resistance Junction
1.5
°C/W
DCoperation
to Case
R
thJA Max. Thermal Resistance Junction
62
°C/W
toAmbient
R
thCS Typical Thermal Resistance, Case to
0.5
°C/W
Mounting surface , smooth and greased
Heatsink
wt
ApproximateWeight
2 (0.07)
g (oz.)
T
MountingTorque
Min.
6 (5)
Max.
12 (10)
Case Style
TO-220AC
JEDEC
Thermal-Mechanical Specifications
Parameters
10ETF..
Units
Conditions
Kg-cm
(Ibf-in)
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
12 0
12 5
13 0
13 5
14 0
14 5
15 0
02
46
8
10
12
30
60
90
120
180
Co nd uc tio n A ng le
A verag e Forw a rd C urrent (A)
10ETF.. Series
R
(D C ) = 1.5 C /W
thJ C
12 0
12 5
13 0
13 5
14 0
14 5
15 0
024
68
1 0
1 2
1 4
16
DC
30
60
90
12 0
180
Co nd u c tion P e rio d
A verag e Forw ard C urren t (A)
10ETF.. Se rie s
R
(D C ) = 1.5 C / W
thJ C
0
2
4
6
8
10
12
14
16
024
6
8
1 0
A verag e Forw ard C urren t (A )
RM S Lim it
Co nd uction A ng le
18 0
12 0
90
60
30
10E TF.. Se rie s
T = 150 C
J
0
4
8
12
16
20
04
8
1 2
1 6
DC
180
120
90
60
30
A vera g e Forw a rd C u rren t (A)
RM S Lim it
C o nd uc tion P e riod
10ETF .. Se rie s
T = 150 C
J



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com