Electronic Components Datasheet Search
  English  ▼

X  

LT3748 Datasheet(PDF) 32 Page - Analog Devices

Part # LT3748
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3748 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT3748 Datasheet HTML 28Page - Analog Devices LT3748 Datasheet HTML 29Page - Analog Devices LT3748 Datasheet HTML 30Page - Analog Devices LT3748 Datasheet HTML 31Page - Analog Devices LT3748 Datasheet HTML 32Page - Analog Devices LT3748 Datasheet HTML 33Page - Analog Devices LT3748 Datasheet HTML 34Page - Analog Devices LT3748 Datasheet HTML 35Page - Analog Devices LT3748 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
LT3752/LT3752-1
32
Rev. C
For more information www.analog.com
Figure 16. HI Side VCCL vs Duty Cycle
(Normalized to 50% Duty Cycle)
DUTY CYCLE (%)
20
1.5
3752 F16
1.0
0.5
40
60
30
50
70
2.0
2.5
1.3
0.8
1.8
2.3
80
HI SIDE ACTIVE CLAMP TOPOLOGY
Figure 17. HI Side Active Clamp Topology
APPLICATIONS INFORMATION
LO Side Active Clamp Topology (LT3752)
The steady-state active clamp capacitor voltage, VCCL,
required to reset the transformer in a LO side active clamp
topology (Figure 13) can be approximated as the drain-to-
source voltage (VDS) of switch M1, given by:
VCCL (LO side):
(a) Steady state: VCCL = SWP = VDS
=
1
1– D
 • VIN =
VIN2
VIN – VOUT •N
(
)
(
)
(b) Transient:
During load transients, duty cycle and hence VCCL may
increase. Replace D with DVSEC in the equation above to
calculate transient VCCL values. See the previous section
ProgrammingDutyCycleClamp–DVSEC.TheDVSECguard-
rail can be programmed as close as 5% higher than D but
mayrequirealargermargintoimprovetransientresponse.
As shown in Figure 15, the maximum steady-state value
for VCCL may occur at minimum or maximum input volt-
age. Hence VCCLshouldbecalculatedatbothinputvoltage
levels and the largest of the two calculations used. M1
drain should be rated for a voltage greater than the above
steady-state VDS calculation due to tolerances in duty
cycle, load transients, voltage ripple on CCL and leakage
inductance spikes. CCL should be rated higher due to the
effect of voltage coefficient on capacitance value. A typical
choice for CCL is a good quality X7R capacitor. M2 should
have a VDS rating greater than VCCL since the bottom plate
of CCL is –VCCL during M1 on and M2 off. For high input
voltage applications, the limited VDS rating of available
P-channel MOSFETs might require changing from a LO
side to HI side active clamp topology.
Forthelosideactiveclamptopologyinsteadystate,during
M1 on time, magnetizing current (IMAG) increases from a
negative value to a positive value (Figure 14). When M1
turnsoff,magnetizingcurrentchargesSWPuntilitreaches
VCCL plus the voltage drop of the M2 body diode. At this
CCL
LLEAK
LLEAK
SWP
LMAG
FSW
CSW
• •
• •
VD
D1
–VIN
C2
T4
C1
M2
M4
M1
M3
R1
OUT
VIN
–VIN
VOUT
–VOUT
AOUT
LT3752-1
FG
LTXXXX
CG
3752 F17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com