Electronic Components Datasheet Search
  English  ▼

X  

LT3748 Datasheet(PDF) 3 Page - Analog Devices

Part # LT3748
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3748 Datasheet(HTML) 3 Page - Analog Devices

  LT3748 Datasheet HTML 1Page - Analog Devices LT3748 Datasheet HTML 2Page - Analog Devices LT3748 Datasheet HTML 3Page - Analog Devices LT3748 Datasheet HTML 4Page - Analog Devices LT3748 Datasheet HTML 5Page - Analog Devices LT3748 Datasheet HTML 6Page - Analog Devices LT3748 Datasheet HTML 7Page - Analog Devices LT3748 Datasheet HTML 8Page - Analog Devices LT3748 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
LT3752/LT3752-1
3
Rev. C
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN (LT3752) ...........................................................100V
UVLO_VSEC, OVLO....................................................20V
VIN (LT3752-1) .................................................16V, 8mA
INTVCC, SS2..............................................................16V
FB, SYNC ....................................................................6V
SS1, COMP, HCOMP, HFB, RT .....................................3V
ISENSEP, ISENSEN, OC, HISENSE ................................0.35V
IVSEC..................................................................–250µA
Operating Junction Temperature Range (Notes 2, 3)
LT3752EFE, LT3752EFE-1 .................. –40°C to 125°C
LT3752IFE, LT3752IFE-1 .................... –40°C to 125°C
LT3752HFE, LT3752HFE-1 ................. –40°C to 150°C
LT3752MPFE, LT3752MPFE-1............ –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 Sec) ..................300°C
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
TOP VIEW
FE PACKAGE
VARIATION: FE38(31)
38-LEAD PLASTIC TSSOP
38
37
36
34
32
30
28
26
24
22
21
20
HFB
HCOMP
RT
FB
COMP
SYNC
SS1
IVSEC
UNLO_VSEC
OVLO
TAO
TAS
TOS
TBLNK
NC
NC
SS2
GND
PGND
PGND
NC
HISENSE
HOUT
AOUT
SOUT
VIN
INTVCC
OUT
OC
ISENSEP
ISENSEN
39
PGND
GND
θJA = 25°C/W
EXPOSED PAD (PIN 39) IS PGND AND GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3752EFE#PBF
LT3752EFE#TRPBF
LT3752FE
38-Lead Plastic TSSOP
–40°C to 125°C
LT3752IFE#PBF
LT3752IFE#TRPBF
LT3752FE
38-Lead Plastic TSSOP
–40°C to 125°C
LT3752HFE#PBF
LT3752HFE#TRPBF
LT3752FE
38-Lead Plastic TSSOP
–40°C to 150°C
LT3752MPFE#PBF
LT3752MPFE#TRPBF
LT3752FE
38-Lead Plastic TSSOP
–55°C to 150°C
LT3752EFE-1#PBF
LT3752EFE-1#TRPBF
LT3752FE-1
38-Lead Plastic TSSOP
–40°C to 125°C
LT3752IFE-1#PBF
LT3752IFE-1#TRPBF
LT3752FE-1
38-Lead Plastic TSSOP
–40°C to 125°C
LT3752HFE-1#PBF
LT3752HFE-1#TRPBF
LT3752FE-1
38-Lead Plastic TSSOP
–40°C to 150°C
LT3752MPFE-1#PBF
LT3752MPFE-1#TRPBF
LT3752FE-1
38-Lead Plastic TSSOP
–55°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com