Electronic Components Datasheet Search
  English  ▼

X  

LT8301 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8301
Description  42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8301 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8301 Datasheet HTML 2Page - Analog Devices LT8301 Datasheet HTML 3Page - Analog Devices LT8301 Datasheet HTML 4Page - Analog Devices LT8301 Datasheet HTML 5Page - Analog Devices LT8301 Datasheet HTML 6Page - Analog Devices LT8301 Datasheet HTML 7Page - Analog Devices LT8301 Datasheet HTML 8Page - Analog Devices LT8301 Datasheet HTML 9Page - Analog Devices LT8301 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT8301
6
Rev. B
For more information www.analog.com
PIN FUNCTIONS
EN/UVLO (Pin 1): Enable/Undervoltage Lockout. The
EN/UVLO pin is used to enable the LT8301. Pull the pin
below 0.2V to shut down the LT8301. This pin has an
accurate 1.228V threshold and can be used to program a
VIN undervoltage lockout (UVLO) threshold using a resis-
tor divider from VIN to ground. A 2.5µA current hysteresis
allows the programming of VIN UVLO hysteresis. If neither
function is used, tie this pin directly to VIN.
GND (Pin 2): Ground. Tie this pin directly to local ground
plane.
RFB (Pin 3): Input Pin for External Feedback Resistor.
Connect a resistor from this pin to the transformer primary
SW pin. The ratio of the RFB resistor to an internal 10k
resistor, times a trimmed 1.0V reference voltage, deter-
mines the output voltage (plus the effect of any non-unity
transformer turns ratio). Minimize trace area at this pin.
SW (Pin 4): Drain of the 65V Internal DMOS Power
Switch. Minimize trace area at this pin to reduce EMI and
voltage spikes.
VIN (Pin 5): Input Supply. The VIN pin supplies current
to internal circuitry and serves as a reference voltage for
the feedback circuitry connected to the RFB pin. Locally
bypass this pin to ground with a capacitor.
BLOCK DIAGRAM
8301 BD
OSCILLATOR
1:4
S
R
Q
1.0V
25µA
M2
M3
BOUNDARY
DETECTOR
DRIVER
–
+
A2
A3
RSENSE
M1
gm
RREF
10kΩ
RFB
2.5µA
R2
EN/UVLO
M4
3
4
5
1.228V
A1
1
REFERENCE
REGULATORS
VIN
2
GND
RFB
SW
VIN
VIN
T1
NPS:1
DOUT
LSEC
LPRI
VOUT+
VOUT–
•
•
COUT
CIN
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com