Electronic Components Datasheet Search
  English  ▼

X  

LT8301 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8301
Description  42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8301 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8301 Datasheet HTML 14Page - Analog Devices LT8301 Datasheet HTML 15Page - Analog Devices LT8301 Datasheet HTML 16Page - Analog Devices LT8301 Datasheet HTML 17Page - Analog Devices LT8301 Datasheet HTML 18Page - Analog Devices LT8301 Datasheet HTML 19Page - Analog Devices LT8301 Datasheet HTML 20Page - Analog Devices LT8301 Datasheet HTML 21Page - Analog Devices LT8301 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT8301
18
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Step 7: Select the EN/UVLO Resistors.
Determine the amount of hysteresis required and calcu-
late R1 resistor value:
VIN(HYS) = 2.5µA • R1
Example:
Choose 2V of hysteresis,
R1 = 806k
Determine the UVLO thresholds and calculate R2 resistor
value:
VIN(UVLO+) =
1.242V •(R1
+R2)
R2
+2.5µA •R1
Example:
Set VIN UVLO rising threshold to 7.5V,
R2 = 232k
VIN(UVLO+) = 7.5V
VIN(UVLO–) = 5.5V
Step 8: Ensure minimum load.
The theoretical minimum load can be approximately esti-
mated as:
ILOAD(MIN) =
40µH•(360mA)2 •10.6kHz
2•5V
= 5.5mA
Remember to check the minimum load requirement in
real application. The minimum load occurs at the point
where the output voltage begins to climb up as the con-
verter delivers more energy than what is consumed at
the output. The real minimum load for this application is
about 6mA. In this example, a 820Ω resistor is selected
as the minimum load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com