Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 17 Page - Analog Devices

Part # LT3477
Description  40VIN, 75VOUT LED Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3477 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3477 Datasheet HTML 13Page - Analog Devices LT3477 Datasheet HTML 14Page - Analog Devices LT3477 Datasheet HTML 15Page - Analog Devices LT3477 Datasheet HTML 16Page - Analog Devices LT3477 Datasheet HTML 17Page - Analog Devices LT3477 Datasheet HTML 18Page - Analog Devices LT3477 Datasheet HTML 19Page - Analog Devices LT3477 Datasheet HTML 20Page - Analog Devices LT3477 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LT3755/LT3755-1/LT3755-2
17
Rev. E
For more information www.analog.com
APPLICATIONS INFORMATION
Therefore, a 10µF capacitor is an appropriate selection
for a 400kHz boost regulator with 12V input, 48V output
and 1A load.
WiththesameVINvoltagerippleof100mV,theinputcapaci-
tor for a buck converter can be estimated as follows:
CIN(µF) = ILED(A) • tSW(µs) • 4.7 •
µF
A • µs
⎛
⎝⎜
⎞
⎠⎟
A 10µF input capacitor is an appropriate selection for a
400kHz buck mode converter with a 1A load.
In the buck mode configuration, the input capacitor has
large pulsed currents due to the current returned through
the Schottky diode when the switch is off. In this buck
convertercaseitisimportanttoplacethecapacitorasclose
as possible to the Schottky diode and to the GND return
of the switch (i.e., the sense resistor). It is also important
to consider the ripple current rating of the capacitor. For
best reliability, this capacitor should have low ESR and
ESL and have an adequate ripple current rating. The RMS
input current for a buck mode LED driver is:
IIN(RMS) = ILED • 1– D
(
) • D
where D is the switch duty cycle.
Table 2. Recommended Ceramic Capacitor Manufacturers
MANUFACTURER
WEB
TDK
www.tdk.com
Kemet
www.kemet.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Output Capacitor Selection
The selection of the output capacitor depends on the load
and converter configuration, i.e., step-up or step-down
and the operating frequency. For LED applications, the
equivalent resistance of the LED is typically low and the
output filter capacitor should be sized to attenuate the
current ripple. Use of X7R type ceramic capacitors is
recommended.
To achieve the same LED ripple current, the required filter
capacitor is larger in the boost and buck-boost mode ap-
plications than that in the buck mode applications. Lower
operating frequencies will require proportionately higher
capacitor values.
Soft-Start Capacitor Selection
For many applications, it is important to minimize the
inrush current at start-up. The built-in soft-start circuit
significantly reduces the start-up current spike and output
voltage overshoot. The soft-start interval is set by the soft-
start capacitor selection according to the equation:
TSS = CSS •
2V
10µA
A typical value for the soft-start capacitor is 0.01µF. The
soft-start pin reduces the oscillator frequency and the
maximum current in the switch. The soft-start capacitor
is discharged when SHDN/UVLO falls below its threshold,
during an overtemperature event or during an INTVCC
undervoltage event. During start-up with SHDN/UVLO,
charging of the soft-start capacitor is enabled after the
first PWM high period.
Power MOSFET Selection
Forapplicationsoperatingathighinputoroutputvoltages,
the power NMOS FET switch is typically chosen for drain
voltage VDS rating and low gate charge QG. Consideration
of switch on-resistance, RDS(ON), is usually secondary be-
cause switching losses dominate power loss. The INTVCC
regulator on the LT3755 has a fixed current limit to protect
the IC from excessive power dissipation at high VIN, so the
FET should be chosen so that the product of QG at 7V and
switching frequency does not exceed the INTVCC current
limit. For driving LEDs be careful to choose a switch with
a VDS rating that exceeds the threshold set by the FB pin
in case of an open-load fault. Several MOSFET vendors
are listed in Table 3. The MOSFETs used in the application
circuits in this data sheet have been found to work well
with the LT3755. Consult factory applications for other
recommended MOSFETs.
Table 3. MOSFET Manufacturers
VENDOR
WEB
Vishay Siliconix
www.vishay.com
Fairchild
www.fairchildsemi.com
International Rectifier
www.irf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com