Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 19 Page - Analog Devices

Part # LT3477
Description  40VIN, 75VOUT LED Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3477 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT3477 Datasheet HTML 15Page - Analog Devices LT3477 Datasheet HTML 16Page - Analog Devices LT3477 Datasheet HTML 17Page - Analog Devices LT3477 Datasheet HTML 18Page - Analog Devices LT3477 Datasheet HTML 19Page - Analog Devices LT3477 Datasheet HTML 20Page - Analog Devices LT3477 Datasheet HTML 21Page - Analog Devices LT3477 Datasheet HTML 22Page - Analog Devices LT3477 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT3755/LT3755-1/LT3755-2
19
Rev. E
For more information www.analog.com
APPLICATIONS INFORMATION
The inductor and output capacitor are chosen based on
performance, size and cost. The compensation resistor
and capacitor at VC are selected to optimize control loop
response and stability. For typical LED applications, a
2.2nF compensation capacitor at VC is adequate, and
a series resistor should always be used to increase the
slew rate on the VC pin to maintain tighter regulation of
LED current during fast transients on the input supply to
the converter.
Board Layout
The high speed operation of the LT3755 demands careful
attention to board layout and component placement. The
exposed pad of the package is the only GND terminal of
the IC and is also important for thermal management of
the IC. It is crucial to achieve a good electrical and thermal
contact between the exposed pad and the ground plane of
theboard.Toreduceelectromagneticinterference(EMI),it
isimportanttominimizetheareaofthehighdV/dtswitching
node between the inductor, switch drain and anode of the
Schottky rectifier. Use a ground plane under the switching
node to eliminate interplane coupling to sensitive signals.
The lengths of the high dI/dt traces: 1) from the switch
node through the switch and sense resistor to GND, and
2) from the switch node through the Schottky rectifier and
filter capacitor to GND should be minimized. The ground
points of these two switching current traces should come
to a common point then connect to the ground plane under
the LT3755. Likewise, the ground terminal of the bypass
capacitor for the INTVCC regulator should be placed near
the GND of the switching path. Typically this requirement
will result in the external switch being closest to the IC,
along with the INTVCC bypass capacitor. The ground for
the compensation network and other DC control signals
should be star connected to the underside of the IC. Do
not extensively route high impedance signals such as FB
and VC, as they may pick up switching noise. In particular,
avoid routing FB and PWMOUT in parallel for more than
a few millimeters on the board. Minimize resistance in
series with the SENSE input to avoid changes (most likely
reduction) to the switch current limit threshold.
20W SEPIC LED Driver
Efficiency vs VIN
VIN
LT3755-2
L1A
22µH
GND
VC
INTVCC
SHDN/UVLO
FB
VREF
ISP
100k
INTVCC
1M
C1
4.7µF
50V
0.001µF
0.01µF
L1: WÜRTH ELEKTRONIK 744870220
M1: VISHAY SILICONIX SI7454DP
D1: DIODES INC. - PDS5100
M2: VISHAY SILICONIX SI2318DS
VIN
8V TO
40V
187k
25k
L1B
30k
28.7k
375kHz
C2
4.7µF
10V
CTRL
0.015
0.1
511k
M2
M1
1A
D1
5A
100V
C4
2.2µF
50V
C3
4.7µF
50V
20W
LED
STRING
37551 TA04a
OPENLED
PWM
SS
RT
ISN
GATE
SENSE
PWMOUT
VIN (V)
0
80
85
90
95
100
10
20
30
37551 TA04b
40
VOUT = 18V
ILED = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com