Electronic Components Datasheet Search
  English  ▼

X  

LT3486 Datasheet(PDF) 20 Page - Analog Devices

Part # LT3486
Description  40VIN, 75VOUT LED Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3486 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3486 Datasheet HTML 16Page - Analog Devices LT3486 Datasheet HTML 17Page - Analog Devices LT3486 Datasheet HTML 18Page - Analog Devices LT3486 Datasheet HTML 19Page - Analog Devices LT3486 Datasheet HTML 20Page - Analog Devices LT3486 Datasheet HTML 21Page - Analog Devices LT3486 Datasheet HTML 22Page - Analog Devices LT3486 Datasheet HTML 23Page - Analog Devices LT3486 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LT3755/LT3755-1/LT3755-2
20
Rev. E
For more information www.analog.com
APPLICATIONS INFORMATION
4
CSS
3
2
1
9
M1
GND
VIN
CIN
L1
10 11 12
13
14
15
16
8
7
6
5
4
3
3
2
1
5
6
1
2
RSENSE
7
8
CC
RC
VOUT VIA
VIAS TO GROUND PLANE
x
x
RT
R2
R1
R3
R4
RLED
37551 F05
LED+
LED–
M2
COUT
COUT
D1
COMPONENT DESIGNATIONS REFER TO “50W WHITE LED HEADLAMP DRIVER” SCHEMATIC
CVCC
Figure 5. Boost Converter Suggested Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com