Electronic Components Datasheet Search
  English  ▼

X  

LT3486 Datasheet(PDF) 3 Page - Analog Devices

Part # LT3486
Description  40VIN, 75VOUT LED Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3486 Datasheet(HTML) 3 Page - Analog Devices

  LT3486 Datasheet HTML 1Page - Analog Devices LT3486 Datasheet HTML 2Page - Analog Devices LT3486 Datasheet HTML 3Page - Analog Devices LT3486 Datasheet HTML 4Page - Analog Devices LT3486 Datasheet HTML 5Page - Analog Devices LT3486 Datasheet HTML 6Page - Analog Devices LT3486 Datasheet HTML 7Page - Analog Devices LT3486 Datasheet HTML 8Page - Analog Devices LT3486 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT3755/LT3755-1/LT3755-2
3
Rev. E
For more information www.analog.com
ORDER INFORMATION
AUTOMOTIVE PRODUCTS**
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3755EMSE#WPBF
LT3755EMSE#WTRPBF
3755
16-Lead Plastic MSOP
–40°C to 125°C
LT3755IMSE#WPBF
LT3755IMSE#WTRPBF
3755
16-Lead Plastic MSOP
–40°C to 125°C
LT3755EMSE-1#WPBF
LT3755EMSE-1#WTRPBF 37551
16-Lead Plastic MSOP
–40°C to 125°C
LT3755IMSE-1#WPBF
LT3755IMSE-1#WTRPBF
37551
16-Lead Plastic MSOP
–40°C to 125°C
LT3755EMSE-2#WPBF
LT3755EMSE-2#WTRPBF 37552
16-Lead Plastic MSOP
–40°C to 125°C
LT3755IMSE-2#WPBF
LT3755IMSE-2#WTRPBF
37552
16-Lead Plastic MSOP
–40°C to 125°C
LT3755HMSE-2#WPBF
LT3755HMSE-2#WTRPBF 37552
16-Lead Plastic MSOP
–40°C to 150°C
LT3755JMSE-2#WPBF
LT3755JMSE-2#WTRPBF 37552
16-Lead Plastic MSOP
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 24V, SHDN/UVLO = 24V, CTRL = 2V, PWM = 5V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Minimum Operating Voltage
VIN Tied to INTVCC
l
4.5
V
VIN Shutdown IQ
SHDN/UVLO = 0V, PWM = 0V
SHDN/UVLO = 1.15V, PWM = 0V
0.1
1
5
µA
µA
VIN Operating IQ (Not Switching)
PWM = 0V
1.4
1.7
mA
VREF Voltage
100µA ≤ IVREF ≤ 0µA (E, I, H-Grades)
80µA ≤ IVREF ≤ 0µA (J-Grade only)
l
l
1.965
1.965
2.00
2.00
2.045
2.045
V
V
VREF Line Regulation
4.5V ≤ VIN ≤ 40V
0.006
%/V
SENSE Current Limit Threshold
l
98
108
118
mV
SENSE Input Bias Current
Current Out of Pin
40
µA
SS Pull-Up Current
Current Out of Pin
8
10
13
µA
Error Amplifier
ISP/ISN Full-Scale Current Sense Threshold
FB = 0V, ISP = 48V
J-Grade
l
l
96
95.5
100
100
103
103
mV
mV
ISP/ISN Full-Scale Current Sense Threshold at CTRL = 0V
CTRL = 0V, FB = 0V, ISP = 48V
–12
–9.5
–7
mV
CTRL Pin Range for Current Sense Threshold Adjustment
l
0
1.1
V
CTRL Input Bias Current
Current Out of Pin
50
100
nA
LED Current Sense Amplifier Input Common Mode Range (VISN)
l
2.9
75
V
ISP/ISN Short-Circuit Threshold
ISN = 0V
115
150
200
mV
ISP/ISN Short-Circuit Fault Sensing Common Mode Range (VISN)
l
0
3
V
ISP/ISN Input Bias Current (Combined)
PWM = 5V (Active), ISP = ISN = 48V
PWM = 0V (Standby), ISP = ISN = 48V
55
0
0.1
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com