Electronic Components Datasheet Search
  English  ▼

X  

LT3575 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3575
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3575 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3575 Datasheet HTML 5Page - Analog Devices LT3575 Datasheet HTML 6Page - Analog Devices LT3575 Datasheet HTML 7Page - Analog Devices LT3575 Datasheet HTML 8Page - Analog Devices LT3575 Datasheet HTML 9Page - Analog Devices LT3575 Datasheet HTML 10Page - Analog Devices LT3575 Datasheet HTML 11Page - Analog Devices LT3575 Datasheet HTML 12Page - Analog Devices LT3575 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT8300
9
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Selecting Actual RFB Resistor Value
The LT8300 uses a unique sampling scheme to regulate
the isolated output voltage. Due to the sampling nature,
the scheme contains repeatable delays and error sources,
which will affect the output voltage and force a re-evalua-
tion of the RFB resistor value. Therefore, a simple two-step
process is required to choose feedback resistor RFB.
Rearrangement of the expression for VOUT in the Output
Voltage section yields the starting value for RFB:
RFB =
NPS • VOUT + VF
(
)
100µA
VOUT = Output voltage
VF = Output diode forward voltage = ~0.3V
NPS = Transformer effective primary-to-secondary
turns ratio
Power up the application with the starting RFB value and
other components connected, and measure the regulated
output voltage, VOUT(MEAS). The final RFB value can be
adjusted to:
RFB(FINAL) =
VOUT
VOUT(MEAS)
•RFB
Once the final RFB value is selected, the regulation accu-
racy from board to board for a given application will be
very consistent, typically under ±5% when including
device variation of all the components in the system
(assuming resistor tolerances and transformer windings
matching within ±1%). However, if the transformer or
the output diode is changed, or the layout is dramatically
altered, there may be some change in VOUT.
Output Power
A flyback converter has a complicated relationship
between the input and output currents compared to a
buck or a boost converter. A boost converter has a rela-
tively constant maximum input current regardless of input
voltage and a buck converter has a relatively constant
maximum output current regardless of input voltage. This
is due to the continuous non-switching behavior of the
two currents. A flyback converter has both discontinu-
ous input and output currents which make it similar to
a non-isolated buck-boost converter. The duty cycle will
affect the input and output currents, making it hard to
predict output power. In addition, the winding ratio can
be changed to multiply the output current at the expense
of a higher switch voltage.
The graphs in Figures 1 to 4 show the typical maximum
output power possible for the output voltages 3.3V, 5V,
12V, and 24V. The maximum output power curve is the
calculated output power if the switch voltage is 120V dur-
ing the switch-off time. 30V of margin is left for leakage
inductance voltage spike. To achieve this power level at
a given input, a winding ratio value must be calculated
to stress the switch to 120V, resulting in some odd ratio
values. The curves below the maximum output power
curve are examples of common winding ratio values and
the amount of output power at given input voltages.
One design example would be a 5V output converter with
a minimum input voltage of 36V and a maximum input
voltage of 72V. A six-to-one winding ratio fits this design
example perfectly and outputs equal to 2.44W at 72V but
lowers to 1.87W at 36V.
The following equations calculate output power:
POUT = η • VIN •D •ISW(MAX) •0.5
η = Efficiency =
85%
D = Duty Cycle =
VOUT + VF
(
) •NPS
VOUT + VF
(
) •NPS + VIN
ISW(MAX) = Maximum switch current limit = 260mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com