Electronic Components Datasheet Search
  English  ▼

X  

LT3575 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3575
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3575 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3575 Datasheet HTML 9Page - Analog Devices LT3575 Datasheet HTML 10Page - Analog Devices LT3575 Datasheet HTML 11Page - Analog Devices LT3575 Datasheet HTML 12Page - Analog Devices LT3575 Datasheet HTML 13Page - Analog Devices LT3575 Datasheet HTML 14Page - Analog Devices LT3575 Datasheet HTML 15Page - Analog Devices LT3575 Datasheet HTML 16Page - Analog Devices LT3575 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT8300
13
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
A snubber circuit is recommended for most applications.
Two types of snubber circuits shown in Figure 6 that can
protect the internal power switch include the DZ (diode-
Zener) snubber and the RC (resistor-capacitor) snubber.
The DZ snubber ensures well defined and consistent
clamping voltage and has slightly higher power efficiency,
while the RC snubber quickly damps the voltage spike
ringing and provides better load regulation and EMI per-
formance. Figure 5 shows the flyback waveforms with the
DZ and RC snubbers.
For the DZ snubber, proper care must be taken when
choosing both the diode and the Zener diode. Schottky
diodes are typically the best choice, but some PN diodes
can be used if they turn on fast enough to limit the leakage
inductance spike. Choose a diode that has a reverse-volt-
age rating higher than the maximum SW pin voltage. The
Zener diode breakdown voltage should be chosen to bal-
ance power loss and switch voltage protection. The best
compromise is to choose the largest voltage breakdown.
Use the following equation to make the proper choice:
VZENER(MAX) ≤ 150V – VIN(MAX)
For an application with a maximum input voltage of 72V,
choose a 68V Zener diode, the VZENER(MAX) of which is
around 72V and below the 78V maximum.
The power loss in the clamp will determine the power
rating of the Zener diode. Power loss in the clamp is
highest at maximum load and minimum input voltage.
The switch current is highest at this point along with the
energy stored in the leakage inductance. A 0.5W Zener
will satisfy most applications when the highest VZENER
is chosen.
Figure 5. Maximum Voltages for SW Pin Flyback Waveform
Figure 6. Snubber Circuits
8300 F05
VSW
tOFF > 350ns
VLEAKAGE
tSP < 250ns
VSW
VSW
TIME
No Snubber
with DZ Snubber
with RC Snubber
tOFF > 350ns
VLEAKAGE
tSP < 250ns
TIME
tOFF > 350ns
VLEAKAGE
tSP < 250ns
TIME
<150V
<120V
<150V
<120V
<150V
<120V
8300 F06b
8300 F06a
DZ Snubber
RC Snubber
Lℓ
Z
D
C
R
•
•
Lℓ
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com