Electronic Components Datasheet Search
  English  ▼

X  

LT3575 Datasheet(PDF) 1 Page - Analog Devices

Part # LT3575
Description  42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3575 Datasheet(HTML) 1 Page - Analog Devices

  LT3575 Datasheet HTML 1Page - Analog Devices LT3575 Datasheet HTML 2Page - Analog Devices LT3575 Datasheet HTML 3Page - Analog Devices LT3575 Datasheet HTML 4Page - Analog Devices LT3575 Datasheet HTML 5Page - Analog Devices LT3575 Datasheet HTML 6Page - Analog Devices LT3575 Datasheet HTML 7Page - Analog Devices LT3575 Datasheet HTML 8Page - Analog Devices LT3575 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT8301
1
Rev. B
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
42VIN Micropower No-Opto
Isolated Flyback Converter
with 65V/1.2A Switch
The LT®8301 is a micropower isolated flyback converter.
By sampling the isolated output voltage directly from the
primary-side flyback waveform, the part requires no third
winding or opto-isolator for regulation. The output voltage
is programmed with a single external resistor. Internal
compensation and soft-start further reduce external com-
ponent count. Boundary mode operation provides a small
magnetic solution with excellent load regulation. Low
ripple Burst Mode operation maintains high efficiency at
light load while minimizing the output voltage ripple. A
1.2A, 65V DMOS power switch is integrated along with
all high voltage circuitry and control logic into a 5-lead
ThinSOT™ package.
The LT8301 operates from an input voltage range of 2.7V
to 42V and can deliver up to 6W of isolated output power.
The high level of integration and the use of boundary
and low ripple burst modes result in a simple to use, low
component count, and high efficiency application solution
for isolated power delivery.
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents, including 5438499, 7463497, and 7471522.
2.7V to 36VIN/5VOUT Micropower Isolated Flyback Converter
APPLICATIONS
n
2.7V to 42V Input Voltage Range
n
1.2A, 65V Internal DMOS Power Switch
n
Low Quiescent Current:
n
100µA in Sleep Mode
n
350µA in Active Mode
n
Boundary Mode Operation at Heavy Load
n
Low-Ripple Burst Mode® Operation at Light Load
n
Minimum Load <0.5% (Typ) of Full Output
n
VOUT Set with a Single External Resistor
n
No Transformer Third Winding or Opto-Isolator
Required for Regulation
n
Accurate EN/UVLO Threshold and Hysteresis
n
Internal Compensation and Soft-Start
n
Output Short-Circuit Protection
n
5-Lead TSOT-23 Package
n
AEC-Q100 Qualified for Automotive Applications
n
Isolated Telecom, Automotive, Industrial, Medical
Power Supplies
n
Isolated Auxiliary/Housekeeping Power Supplies
Efficiency vs Load Current
LT8301
3:1
RFB
SW
40µH
4.4µH
EN/UVLO
10µF
VIN
VIN
2.7V TO 36V
VOUT+
5V
6mA TO 0.40A (VIN = 5V)
6mA TO 0.70A (VIN = 12V)
6mA TO 1.00A (VIN = 24V)
6mA TO 1.15A (VIN = 36V)
VOUT–
GND
154k
•
•
100µF
8301 TA01a
LOAD CURRENT (A)
0
60
65
70
75
80
90
0.2
0.4
0.6
0.8
8301 TA01b
1.0
1.2
85
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V


Similar Part No. - LT3575

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3575 LINER-LT3575 Datasheet
277Kb / 26P
Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
LT3575 LINER-LT3575 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT3575 LINER-LT3575 Datasheet
257Kb / 20P
Isolated No Opto-Coupler Flyback Controller
logo
Analog Devices
LT3575 AD-LT3575 Datasheet
1Mb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
06/19-REV.A
LT3575 AD-LT3575 Datasheet
1Mb / 26P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
04/20-REV.G
More results

Similar Description - LT3575

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8301 LINER-LT8301_15 Datasheet
269Kb / 24P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
LT8302 LINER-LT8302_15 Datasheet
420Kb / 26P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
logo
Linear Technology
LT8302 LINER-LT8302 Datasheet
556Kb / 6P
Micropower No-Opto Isolated Flyback Converter
LT8301 LINER-LT8301 Datasheet
440Kb / 6P
42VIN Micropower Isolated Flyback Converter with 65V/1.2A Switch
LT8304 LINER-LT8304 Datasheet
343Kb / 6P
Micropower No-Opto Isolated Flyback Converter with 150V/2A Switch
logo
Analog Devices
LT3001 AD-LT3001 Datasheet
565Kb / 10P
36V 4W No-Opto Isolated Flyback Converter
LT8302 AD-LT8302 Datasheet
1Mb / 26P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
04/20-REV.G
LT3002 AD-LT3002 Datasheet
799Kb / 12P
36V 10W No-Opto Isolated Flyback Converter
ADPL54203 AD-ADPL54203 Datasheet
925Kb / 34P
40VIN Micropower No-Opto Isolated Flyback Converter with 60V/3.4A Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com