Electronic Components Datasheet Search
  English  ▼

X  

LT3575 Datasheet(PDF) 17 Page - Analog Devices

Part # LT3575
Description  42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3575 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3575 Datasheet HTML 13Page - Analog Devices LT3575 Datasheet HTML 14Page - Analog Devices LT3575 Datasheet HTML 15Page - Analog Devices LT3575 Datasheet HTML 16Page - Analog Devices LT3575 Datasheet HTML 17Page - Analog Devices LT3575 Datasheet HTML 18Page - Analog Devices LT3575 Datasheet HTML 19Page - Analog Devices LT3575 Datasheet HTML 20Page - Analog Devices LT3575 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT8301
17
Rev. B
For more information www.analog.com
Step 4: Choose the Output Capacitor.
The output capacitor should be chosen to minimize the
output voltage ripple while considering the increase in size
and cost of a larger capacitor. Use the equation below to
calculate the output capacitance:
COUT =
LPRI •ISW2
2• VOUT • ΔVOUT
Example:
Design for output voltage ripple less than 1% of VOUT,
i.e., 50mV.
COUT =
40µH•(0.86A)2
2•5V •0.05V
= 60µF
Remember ceramic capacitors lose capacitance with
applied voltage. The capacitance can drop to 40% of
quoted capacitance at the maximum voltage rating. So
a 100µF, 10V rating ceramic capacitor is chosen X5R or
X7R type is recommended.
Step 5: Design Snubber Circuit.
The snubber circuit protects the power switch from leak-
age inductance voltage spike. A DZ snubber is recom-
mended for this application because of lower leakage
inductance and larger voltage margin. The Zener and the
diode need to be selected.
The maximum Zener breakdown voltage is set according
to the maximum VIN:
VZENER(MAX) ≤ 65V – VIN(MAX)
Example:
VZENER(MAX) ≤ 65V – 32V = 33V
APPLICATIONS INFORMATION
A 20V Zener with a maximum of 21V will provide optimal
protection and minimize power loss. So a 20V, 0.25W
Zener from Central Semiconductor (CMDZ5250B) is
chosen.
Choose a diode that is fast and has sufficient reverse volt-
age breakdown:
VREVERSE > VSW(MAX)
VSW(MAX) = VIN(MAX) + VZENER(MAX)
Example:
VREVERSE > 53V
A 100V, 0.25A diode from Central Semiconductor
(CMHD4448) is chosen.
Step 6: Select the RFB Resistor.
Use the following equation to calculate the starting value
for RFB:
RFB =
NPS •(VOUT + VF)
100µA
Example:
RFB =
3•(5V
+0.3V)
100µA
= 159k
Depending on the tolerance of standard resistor values,
the precise resistor value may not exist. For 1% standard
values, a 158k resistor should be close enough. As dis-
cussed in the Application Information section, the final
RFB value should be adjusted on the measured output
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com