Electronic Components Datasheet Search
  English  ▼

X  

LT3759 Datasheet(PDF) 4 Page - Analog Devices

Part # LT3759
Description  42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3759 Datasheet(HTML) 4 Page - Analog Devices

  LT3759 Datasheet HTML 1Page - Analog Devices LT3759 Datasheet HTML 2Page - Analog Devices LT3759 Datasheet HTML 3Page - Analog Devices LT3759 Datasheet HTML 4Page - Analog Devices LT3759 Datasheet HTML 5Page - Analog Devices LT3759 Datasheet HTML 6Page - Analog Devices LT3759 Datasheet HTML 7Page - Analog Devices LT3759 Datasheet HTML 8Page - Analog Devices LT3759 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT8301
4
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Boundary Mode Waveforms
Discontinuous Mode Waveforms
Burst Mode Waveforms
VIN Shutdown Current
VIN Quiescent Current,
Sleep Mode
VIN Quiescent Current,
Active Mode
Output Load and Line Regulation
Output Short-Circuit Protection
Switching Frequency
vs Load Current
TA = 25°C, unless otherwise noted.
LOAD CURRENT (A)
0
350
300
250
200
150
100
50
0
0.6
1.0
8301 G03
0.2
0.4
0.8
1.2
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
FRONT PAGE APPLICATION
VIN (V)
0
0
2
6
8
10
10
20 25
45
8301 G07
4
5
15
30 35 40
TJ = 150°C
TJ = 25°C
TJ = –55°C
VIN (V)
0
100
110
120
40
8301 G08
90
80
60
10
20
30
5
45
15
25
35
70
140
130
TJ = 150°C
TJ = 25°C
TJ = –55°C
VIN (V)
0
320
340
360
40
8301 G09
300
280
10
20
30
5
45
15
25
35
400
380
TJ = 150°C
TJ = 25°C
TJ = –55°C
LOAD CURRENT (A)
0
5.00
8301 G01
4.90
4.80
0.4
0.8
0.2
0.6
1.0
5.10
5.20
FRONT PAGE APPLICATION
4.95
4.85
5.05
5.15
1.2
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
0
0
1
2
3
4
0.4
0.8
1.2
1.6
8301 G02
5
6
0.2
0.6
1.0
1.4
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
FRONT PAGE APPLICATION
VOUT
50mV/DIV
VSW
20V/DIV
5µs/DIV
FRONT PAGE APPLICATION
VIN = 12V
ILOAD = 600mA
8301 G04
VOUT
50mV/DIV
VSW
20V/DIV
5µs/DIV
FRONT PAGE APPLICATION
VIN = 12V
ILOAD = 200mA
8301 G05
VOUT
50mV/DIV
VSW
20V/DIV
20µs/DIV
FRONT PAGE APPLICATION
VIN = 12V
ILOAD = 6mA
8301 G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com