Electronic Components Datasheet Search
  English  ▼

X  

LT3759 Datasheet(PDF) 11 Page - Analog Devices

Part # LT3759
Description  42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3759 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT3759 Datasheet HTML 7Page - Analog Devices LT3759 Datasheet HTML 8Page - Analog Devices LT3759 Datasheet HTML 9Page - Analog Devices LT3759 Datasheet HTML 10Page - Analog Devices LT3759 Datasheet HTML 11Page - Analog Devices LT3759 Datasheet HTML 12Page - Analog Devices LT3759 Datasheet HTML 13Page - Analog Devices LT3759 Datasheet HTML 14Page - Analog Devices LT3759 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT8301
11
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
In general, choose a transformer with its primary mag-
netizing inductance about 30% larger than the minimum
values calculated above. A transformer with much larger
inductance will have a bigger physical size and may cause
instability at light load.
Selecting a Transformer
Transformer specification and design is perhaps the most
critical part of successfully applying the LT8301. In addi-
tion to the usual list of guidelines dealing with high fre-
quency isolated power supply transformer design, the
following information should be carefully considered.
Analog Devices has worked with several leading magnetic
component manufacturers to produce pre-designed fly-
back transformers for use with the LT8301. Table 1 shows
the details of these transformers.
Turns Ratio
Note that when choosing the RFB resistor to set output
voltage, the user has relative freedom in selecting a trans-
former turns ratio to suit a given application. In contrast,
the use of simple ratios of small integers, e.g., 3:1, 2:1,
1:1, provides more freedom in settling total turns and
mutual inductance.
Table 1. Predesigned Transformers—Typical Specifications
TRANSFORMER
PART NUMBER
DIMENSIONS
(W
× L × H) (mm)
LPRI
(µH)
LLKG
(µH)
NP:NS
RPRI
(mΩ)
RSEC
(mΩ)
VENDOR
TARGET APPLICATIONS
VIN (V)
VOUT (V)
IOUT (A)
750313973
15.24
× 13.34 × 11.43
40
1
4:1
80
40
Würth Electronik
8 to 36
3.3
0.80
750370047
13.35
× 10.8 × 9.14
30
1
3:1:1
60
12.5
Würth Electronik
8 to 32
5
0.55
750313974
15.24
× 13.34 × 11.43
40
1
3:1
80
50
Würth Electronik
8 to 36
5
0.55
750313970
15.24
× 13.34 × 11.43
40
1
2:1
80
70
Würth Electronik
18 to 42
3.3
0.75
750310799
9.14
× 9.78 × 10.54
25
0.125
1:1:0.33
60
74
Würth Electronik
8 to 30
12
0.22
750313972
15.24
× 13.34 × 11.43
40
1
1:1
80
185
Würth Electronik
18 to 42
5
0.42
750313975
15.24
× 13.34 × 11.43
40
1
1:2
110
865
Würth Electronik
8 to 36
24
0.12
750313976
15.24
× 13.34 × 11.43
40
1
1:4
110
2300
Würth Electronik
8 to 32
48
0.05
12387-T036
15.5
× 12.5 × 11.5
40
2
4:1
160
25
Sumida
8 to 36
3.3
0.80
12387-T037
15.5
× 12.5 × 11.5
40
2
3:1
210
30
Sumida
8 to 36
5
0.55
12387-T040
15.5
× 12.5 × 11.5
40
1.5
2:1
210
50
Sumida
18 to 42
3.3
0.75
12387-T041
15.5
× 12.5 × 11.5
40
1.5
1:1
210
200
Sumida
18 to 42
5
0.42
12387-T038
15.5
× 12.5 × 11.5
40
2
1:2
220
460
Sumida
8 to 36
24
0.12
12387-T039
15.5
× 12.5 × 11.5
40
2
1:4
220
2200
Sumida
8 to 32
48
0.05
PA3948.003NL
15.24
× 13.08 × 11.45
40
1.45
4:1
210
26
Pulse Engineering
8 to 36
3.3
0.80
PA3948.004NL
15.24
× 13.08 × 11.45
40
1.95
3:1
220
29
Pulse Engineering
8 to 36
5
0.55
PA3948.001NL
15.24
× 13.08 × 11.45
40
1.45
2:1
410
70
Pulse Engineering
18 to 42
3.3
0.75
PA3948.002NL
15.24
× 13.08 × 11.45
40
1.45
1:1
405
235
Pulse Engineering
18 to 42
5
0.42
PA3948.005NL
15.24
× 13.08 × 11.45
40
1.60
1:2
220
1275
Pulse Engineering
8 to 36
24
0.12
PA3948.006NL
15.24
× 13.08 × 11.45
40
1.65
1:4
220
3350
Pulse Engineering
8 to 32
48
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com