Electronic Components Datasheet Search
  English  ▼

X  

LM393 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM393
Description  LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM393 Datasheet(HTML) 4 Page - Texas Instruments

  LM393 Datasheet HTML 1Page - Texas Instruments LM393 Datasheet HTML 2Page - Texas Instruments LM393 Datasheet HTML 3Page - Texas Instruments LM393 Datasheet HTML 4Page - Texas Instruments LM393 Datasheet HTML 5Page - Texas Instruments LM393 Datasheet HTML 6Page - Texas Instruments LM393 Datasheet HTML 7Page - Texas Instruments LM393 Datasheet HTML 8Page - Texas Instruments LM393 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
6 Pin Configuration and Functions
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
VCC
2OUT
2IN−
2IN+
Figure 6-1. D, DGK, JG, P, PS, DDF or PW Package 8-Pin SOIC, VSSOP, PDIP, SO, or TSSOP Top View
1
1OUT
8
V+
2
1IN±
7
2OUT
3
1IN+
6
2IN±
4
GND
5
2IN+
Exposed
Thermal
Die Pad
on
Underside
Connect thermal pad directly to GND pin.
Figure 6-2. DSG Package 8-Pin WSON With Exposed Pad Top View
Table 6-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC, VSSOP,
PDIP, SO, DDF and
TSSOP
DSG
1OUT
1
1
Output
Output pin of comparator 1
1IN–
2
2
Input
Negative input pin of comparator 1
1IN+
3
3
Input
Positive input pin of comparator 1
GND
4
4
—
Ground
2IN+
5
5
Input
Positive input pin of comparator 2
2IN-
6
6
Input
Negative input pin of comparator 2
2OUT
7
7
Output
Output pin of comparator 2
VCC
8
8
—
Positive Supply
Thermal
Pad
—
PAD
—
Connect directly to GND pin
LM393B, LM2903B, LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005AD – OCTOBER 1979 – REVISED OCTOBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM393B LM2903B LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com