Electronic Components Datasheet Search
  English  ▼

X  

LM393 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM393
Description  LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM393 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM393 Datasheet HTML 10Page - Texas Instruments LM393 Datasheet HTML 11Page - Texas Instruments LM393 Datasheet HTML 12Page - Texas Instruments LM393 Datasheet HTML 13Page - Texas Instruments LM393 Datasheet HTML 14Page - Texas Instruments LM393 Datasheet HTML 15Page - Texas Instruments LM393 Datasheet HTML 16Page - Texas Instruments LM393 Datasheet HTML 17Page - Texas Instruments LM393 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
Input Voltage (V)
-0.5 -0.25
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
100
140
180
220
260
300
340
380
420
460
500
VS=3.3V
-40°C
0°C
25°C
85°C
125°C
Figure 7-8. Total Supply Current vs. Input Voltage
at 3.3V
Input Voltage (V)
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
100
140
180
220
260
300
340
380
420
460
500
VS=5V
-40°C
0°C
25°C
85°C
125°C
Figure 7-9. Total Supply Current vs. Input Voltage
at 5V
Input Voltage (V)
-1
0
1
2
3
4
5
6
7
8
9
10
11
100
140
180
220
260
300
340
380
420
460
500
VS=12V
-40°C
0°C
25°C
85°C
125°C
Figure 7-10. Total Supply Current vs. Input Voltage
at 12V
Input Voltage (V)
0
3
6
9
12
15
18
21
24
27
30
33
36
150
190
230
270
310
350
390
430
470
510
550
VS=36V
-40°C
0°C
25°C
85°C
125°C
Figure 7-11. Total Supply Current vs. Input Voltage
at 36V
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
VS = 3V
63 Channels
Figure 7-12. Input Offset Voltage vs. Temperature
at 3V
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
VS = 5V
62 Channels
Figure 7-13. Input Offset Voltage vs. Temperature
at 5V
LM393B, LM2903B, LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005AD – OCTOBER 1979 – REVISED OCTOBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM393B LM2903B LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com