Electronic Components Datasheet Search
  English  ▼

X  

ATM0784L2 Datasheet(PDF) 7 Page - AZ Displays

Part # ATM0784L2
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM0784L2 Datasheet(HTML) 7 Page - AZ Displays

Back Button ATM0784L2 Datasheet HTML 3Page - AZ Displays ATM0784L2 Datasheet HTML 4Page - AZ Displays ATM0784L2 Datasheet HTML 5Page - AZ Displays ATM0784L2 Datasheet HTML 6Page - AZ Displays ATM0784L2 Datasheet HTML 7Page - AZ Displays ATM0784L2 Datasheet HTML 8Page - AZ Displays ATM0784L2 Datasheet HTML 9Page - AZ Displays ATM0784L2 Datasheet HTML 10Page - AZ Displays ATM0784L2 Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ATM0784L2(AZ DISPLAYS)TFT MODULE VER1.0
AZ DISPLAYS
6
4. ABSOLUTE MAXIMUM RATINGS(TA=25℃)
4.1 ELECTRICAL ABSOLUTE MAXIMUM RATINGS.(VSS=0V ,TA=25℃)
Notes:
1. If the module is above these absolute maximum ratings. It may become permanently damaged. Using the module
within the following electrical characteristic conditions are also exceeded, the module will malfunction and cause poor
reliability.
2. VCI >VSS must be maintained.
3. Please be sure users are grounded when handing LCD Module
4.2 ENVIRONMENTAL ABSOLUTE MAXIMUM RATINGS.
Item
Storage
Operating
Note
MIN.
MAX.
MIN.
MAX.
Ambient Temperature
-20℃
70℃
-20℃
70℃
1,2
1. The response time will become lower when operated at low temperature.
2. Background color changes slightly depending on ambient temperature.
The phenomenon is reversible.
Parameter
Symbol Condition
Min
Typ
Max
Unit
Note
Power supply
VCI
Ta=25℃
-0.3
-
6.6
V
I/O and interface
power supply
IOVCC
Ta=25℃
-0.3
-
4.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com