Electronic Components Datasheet Search
  English  ▼

X  

ATM0784L2 Datasheet(PDF) 13 Page - AZ Displays

Part # ATM0784L2
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM0784L2 Datasheet(HTML) 13 Page - AZ Displays

Back Button ATM0784L2 Datasheet HTML 9Page - AZ Displays ATM0784L2 Datasheet HTML 10Page - AZ Displays ATM0784L2 Datasheet HTML 11Page - AZ Displays ATM0784L2 Datasheet HTML 12Page - AZ Displays ATM0784L2 Datasheet HTML 13Page - AZ Displays ATM0784L2 Datasheet HTML 14Page - AZ Displays ATM0784L2 Datasheet HTML 15Page - AZ Displays ATM0784L2 Datasheet HTML 16Page - AZ Displays ATM0784L2 Datasheet HTML 17Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ATM0784L2(AZ DISPLAYS)TFT MODULE VER1.0
AZ DISPLAYS
12
5min
30min
30min
7. RELIABILITY TEST ITEMS AND CRITERIA
No
Test Item
Test condition
Criterion
1
High Temperature Storage
70℃ 96H
Restore 2H at 25℃
Power off
1. After testing,
cosmetic and electrical
defects should not
happen.
2. Total current
consumption should not
be more than twice of
initial value.
2
Low Temperature Storage
-20℃ 96H
Restore 2H at 25℃
Power off
3
High Temperature Operation
70℃ 96H
Restore 2H at 25℃
Power on
4
Low Temperature Operation
-20℃ 96H
Restore 4H at 25℃
Power on
5
High Temperature/Humidity
Operation
60℃ 90%RH 96H
Power on
6
Temperature Cycle
--20℃←-----------------→70℃
After 20 cycle, Restore 2H at 25℃
Power off
7
Package Vibration Test
Random Vibration :
0.015G*G/Hz
from 5-200HZ, -6dB/Octave from
200-500HZ 2 hours for each
direction of X. Y. Z. (6 hours for total)
Not allowed cosmetic
and electrical defects.
8
Mechanical Shock
100G, 6ms,±X, ±Y, ±Z 3 times for
each direction
9
Electro Static Discharge
Air :±8KV,(150PF,330Ω)
Contact:±4KV(150PF,330Ω) Class
B(EN 61000-4-2)
Note: Operation: Supply 3.3V for logic system.
The inspection terms after reliability test, as below
ITEM
Inspection
Contrast
CR>50%
IDD
IDD<200%
Brightness
Brightness>60%
Color Tone
Color Tone+/-0,05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com