Electronic Components Datasheet Search
  English  ▼

X  

REF3425-Q1 Datasheet(PDF) 14 Page - Texas Instruments

Part # REF3425-Q1
Description  REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3425-Q1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF3425-Q1 Datasheet HTML 10Page - Texas Instruments REF3425-Q1 Datasheet HTML 11Page - Texas Instruments REF3425-Q1 Datasheet HTML 12Page - Texas Instruments REF3425-Q1 Datasheet HTML 13Page - Texas Instruments REF3425-Q1 Datasheet HTML 14Page - Texas Instruments REF3425-Q1 Datasheet HTML 15Page - Texas Instruments REF3425-Q1 Datasheet HTML 16Page - Texas Instruments REF3425-Q1 Datasheet HTML 17Page - Texas Instruments REF3425-Q1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Typical thermal hysteresis distribution is as shown in Figure 9-6.
Thermal Hysteresis - Cycle 1 (ppm)
0
5%
10%
15%
20%
25%
30%
D016
Figure 9-6. Thermal Hysteresis Distribution (VREF) -
DBV Package (Cycle 1)
Thermal Hysteresis - Cycle 2 (ppm)
0
5%
10%
15%
20%
25%
30%
D016
Figure 9-7. Thermal Hysteresis Distribution (VREF) -
DBV Package (Cycle 2)
Thermal Hysteresis - Cycle 1 (ppm)
0
5%
10%
15%
20%
25%
30%
DGKt
Figure 9-8. Thermal Hysteresis Distribution (VREF) -
DGK Package (Cycle 1)
Thermal Hysteresis - Cycle 2 (ppm)
0
5%
10%
15%
20%
25%
30%
DGKt
Figure 9-9. Thermal Hysteresis Distribution (VREF) -
DGK Package (Cycle 2)
9.4 Power Dissipation
The REF34-Q1 voltage references are capable of source and sink up to 10 mA of load current across the rated
input voltage range. However, when used in applications subject to high ambient temperatures, the input voltage
and load current must be carefully monitored to ensure that the device does not exceeded its maximum power
dissipation rating. The maximum power dissipation of the device can be calculated with Equation 2:
J
A
D
JA
T
T
P
R
T
u
(2)
where
• PD is the device power dissipation
• TJ is the device junction temperature
• TA is the ambient temperature
• RθJA is the package (junction-to-air) thermal resistance
Because of this relationship, acceptable load current in high temperature conditions may be less than the
maximum current-sourcing capability of the device. In no case should the device be operated outside of its
maximum power rating because doing so can result in premature failure or permanent damage to the device.
REF34-Q1
SBAS901C – JULY 2018 – REVISED OCTOBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: REF34-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com