Electronic Components Datasheet Search
  English  ▼

X  

REF3425-Q1 Datasheet(PDF) 21 Page - Texas Instruments

Part # REF3425-Q1
Description  REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3425-Q1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button REF3425-Q1 Datasheet HTML 17Page - Texas Instruments REF3425-Q1 Datasheet HTML 18Page - Texas Instruments REF3425-Q1 Datasheet HTML 19Page - Texas Instruments REF3425-Q1 Datasheet HTML 20Page - Texas Instruments REF3425-Q1 Datasheet HTML 21Page - Texas Instruments REF3425-Q1 Datasheet HTML 22Page - Texas Instruments REF3425-Q1 Datasheet HTML 23Page - Texas Instruments REF3425-Q1 Datasheet HTML 24Page - Texas Instruments REF3425-Q1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
11.2.2 Advanced Driver Assistance Systems (ADAS) Microcontroller Connection
11.2.2.1 Basic Voltage Reference Connection
The circuit shown in Figure 11-4 shows the basic configuration for the REF34-Q1 references.
REF3425-Q1
OUT
2.5V VREF
IN
GND
ADS7828-Q1
AIN0
AIN1
VREF+
VREF-
VDD
3V VDD
AIN2
AIN3
TDA2 (MCU)
I2C
3.3V VDD
I2C
GPIOx
VDD
Copyright © 2017, Texas Instruments Incorporated
EN
GPIO0
Figure 11-4. ADAS Microcontroller Application
11.2.2.2 Design Requirements
In ADAS applications it is common to use an ADC with a MCU to monitor the voltage rails to the MCU/DSP/
FPGAs. In figure Figure 11-4 the automotive TI Jacinto™ TDA2 MCU is using a ADS7828-Q1 to monitor several
analog input signals and in ADAS these signals will be the system power rails. It is important to monitor these
power rails because tighter rail requirements allow for further system monitoring and optimization. The
REF3425-Q1 is used in this application to provide the precise voltage reference signal. In these systems it is not
typical to have calibration and such the most precise low power voltage reference is necessary to be able to
measure down to 1% accuracy on key power rails.
For this design example, use the parameters listed in Table 11-3 as the input parameters and desired output
parameters.
Table 11-3. Typical Core Voltage Rail Monitoring
SPECIFICATION
REQUIREMENT
Input Voltage VIN
3V
Output Voltage
2.5V
Voltage Power Rail
1V
Max Error on Voltage Power Rail
1%
Temperature Range
-40°C to 125°C
11.2.2.3 Detailed Design Procedure
It is important to keep track of the error margin in this system to make sure that the total error of the voltage
reference and ADC are less than the maximum 1% error allowed. To calculate the total RSS error of a voltage
reference use Equation 5.
2
2
2
2
2
VREF Total
Error
Accuracy
TempCo
TempHyst
LongTerm Drift
1/ f Noise
(5)
www.ti.com
REF34-Q1
SBAS901C – JULY 2018 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: REF34-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com