Electronic Components Datasheet Search
  English  ▼

X  

PE552BA Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PE552BA
Description  N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PE552BA Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PE552BA Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PE552BA Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PE552BA Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PE552BA Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PE552BA Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PE552BA
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
20
0.4
0.7
0.9
±100
nA
1
10
4.1
5
4.7
5.7
6
8.2
70
S
4407
469
381
0.7
Ω
49
6
13
20
25
180
85
14
A
1.3
V
24
nS
12
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
Zero Gate Voltage Drain Current
IGSS
IF = 5A, dlF/dt = 100A / μS
UNITS
Coss
VGS = 4.5V, ID = 5A
STATIC
Drain-Source Breakdown Voltage
V
VDS = 5V, ID = 5A
VDS = 0V, VGS = ±8V
gfs
V(BR)DSS
TEST CONDITIONS
Forward Transconductance
1
nC
VGS = 0V, VDS = 0V, f = 1MHz
Qgs
mA
DYNAMIC
mΩ
VDS = 16V, VGS = 0V
Qgd
Ciss
pF
IDSS
Qrr
Reverse Recovery Charge
Continuous Current
3
Forward Voltage
1
Reverse Recovery Time
IS
VSD
trr
IF = 5A, VGS = 0V
nS
VDD= 4.5V, ID @ 5A,
VGEN = 10V, RG= 6Ω
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
td(on)
tr
td(off)
tf
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
Fall Time
2
Gate Threshold Voltage
Drain-Source On-State
Resistance
1
Rg
VDS = VGS, ID = 250mA
LIMITS
VGS=4.5V , VDS = 10V , ID = 5A
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Transfer Capacitance
Gate Resistance
Total Gate Charge
2
Qg
Crss
VGS = 1.8V, ID = 5A
VDS = 10V, VGS = 0V, TJ = 55 °C
SYMBOL
Gate-Body Leakage
VGS(th)
RDS(ON)
VGS = 0V, ID = 250mA
VGS = 2.5V, ID = 5A
Input Capacitance
VGS = 0V, VDS = 10V, f = 1MHz
PARAMETER
Output Capacitance
REV 1.0
2
2014/8/28



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com