Electronic Components Datasheet Search
  English  ▼

X  

MAC4M Datasheet(PDF) 1 Page - ON Semiconductor

Part # MAC4M
Description  TRIACS, Silicon Bidirectional Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC4M Datasheet(HTML) 1 Page - ON Semiconductor

  MAC4M Datasheet HTML 1Page - ON Semiconductor MAC4M Datasheet HTML 2Page - ON Semiconductor MAC4M Datasheet HTML 3Page - ON Semiconductor MAC4M Datasheet HTML 4Page - ON Semiconductor MAC4M Datasheet HTML 5Page - ON Semiconductor MAC4M Datasheet HTML 6Page - ON Semiconductor MAC4M Datasheet HTML 7Page - ON Semiconductor MAC4M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
February, 2000 – Rev. 1
1
Publication Order Number:
MAC4M/D
MAC4M, MAC4N
Preferred Device
Triacs
Silicon Bidirectional Thyristors
Designed for high performance full-wave ac control applications
where high noise immunity and high commutating di/dt are required.
• Blocking Voltage to 800 Volts
• On-State Current Rating of 4.0 Amperes RMS at 100°C
• Uniform Gate Trigger Currents in Three Modes
• High Immunity to dv/dt — 500 V/µs minimum at 125°C
• Minimizes Snubber Networks for Protection
• High Surge Current Capability – 40 Amperes
• Industry Standard TO-220AB Package
• High Commutating di/dt — 6.0 A/ms minimum at 125°C
• Operational in Three Quadrants: Q1, Q2, and Q3
• Device Marking: Logo, Device Type, e.g., MAC4M, Date Code
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off–State Voltage(1)
(TJ = –40 to 125°C, Sine Wave,
50 to 60 Hz, Gate Open)
MAC4M
MAC4N
VDRM,
VRRM
600
800
Volts
On-State RMS Current
(Full Cycle Sine Wave, 60 Hz,
TC = 100°C)
IT(RMS)
4.0
Amps
Peak Non-Repetitive Surge Current
(One Full Cycle Sine Wave, 60 Hz,
TJ = 125°C)
ITSM
40
Amps
Circuit Fusing Consideration
(t = 8.33 ms)
I2t
6.6
A2sec
Peak Gate Power
(Pulse Width
≤ 1.0 µs, TC = 100°C)
PGM
0.5
Watt
Average Gate Power
(t = 8.3 ms, TC = 100°C)
PG(AV)
0.1
Watt
Operating Junction Temperature Range
TJ
– 40 to
+125
°C
Storage Temperature Range
Tstg
– 40 to
+150
°C
(1) VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
TRIACS
4 AMPERES RMS
600 thru 800 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MAC4M
TO220AB
50 Units/Rail
MAC4N
TO220AB
TO–220AB
CASE 221A
STYLE 4
1
2
3
4
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 1
Main Terminal 2
4
Main Terminal 2
http://onsemi.com
50 Units/Rail
MT1
G
MT2


Similar Part No. - MAC4M

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MAC4M KERSEMI-MAC4M Datasheet
418Kb / 6P
Silicon Bidirectional Thyristors
More results

Similar Description - MAC4M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC224A ONSEMI-MAC224A Datasheet
53Kb / 8P
Triacs Silicon Bidirectional Thyristors
February, 2000 ??Rev. 1
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA08-600CW3G ONSEMI-BTA08-600CW3G Datasheet
137Kb / 6P
Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com