Electronic Components Datasheet Search
  English  ▼

X  

VUE50 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VUE50
Description  Three Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUE50 Datasheet(HTML) 2 Page - IXYS Corporation

  VUE50 Datasheet HTML 1Page - IXYS Corporation VUE50 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
VUE 50
Fig. 7 Transient thermal impedance junction to heatsink
Fig. 8 Power dissipation versus direct output current
and ambient temperature
0
200
400
600
0
10
20
30
40
50
0
200
400
600
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
0.0
0.5
1.0
1.5
2.0
t
A/
ms
040
80
120
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
200
400
600
0
20
40
60
80
100
0
600
1200
1800
2400
3000
-di
F/dt
I
RM
A/
ms
Z
thJS
s
K/W
di
F/dt
t
fr
V
FR
ns
V
V
FR
µs
-di
F/dt
t
rr
typ.
max.
T
VJ
t
rr
K
f
I
RM
°C
A
max.
typ.
012
34
0
10
20
30
40
50
60
70
V
V
F
I
F
A
I
F=15A
I
F=30A
I
F=60A
I
F=30A
T
VJ=100°C
V
R= 540V
T
VJ=100°C
I
F=15A
I
F=30A
I
F=60A
I
F=30A
T
VJ=150°C
T
VJ= 25°C
I
dAVM
0
25
50
75
100
125
150
0
10
20
30
40
50
60
A
°C
V
R=540 V
I
F=30A
T
VJ=125°C
0
10
20304050
0
50
100
150
200
250
300
W
I
dAVM
A 0
25
50
75
100 125 150
T
A
0.2
0.5
1.0
1.5
2.0
4.0
6.0
°C
0.05
0.2
0.75
0.5
0.07
0.13
0.2
0.04
R
thJSi
t
i
T
S
t
fr
A/
ms
R
thSA (K/W)
Fig. 1 Forward current
Fig. 2 Maximum forward current at
Fig. 3 Typical peak reverse current
versus voltage drop per diode.
heatsink temperature T
S.
versus -di
F/dt.
Fig. 4 Dynamic parameters versus
Fig. 5 Typical recovery time
Fig. 6 Typical peak forward voltage and
junction temperature.
versus -di
F/dt.
forward recovery time versus -di
F/dt.
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com