Electronic Components Datasheet Search
  English  ▼

X  

VUE50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VUE50
Description  Three Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUE50 Datasheet(HTML) 1 Page - IXYS Corporation

  VUE50 Datasheet HTML 1Page - IXYS Corporation VUE50 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
V
RRM = 1200 V
I
dAV
= 50 A
t
rr
= 40 ns
Symbol
Test Conditions
Maximum Ratings
I
dAV
T
K = 85°C, module
50
A
I
FSM
T
VJ = 45°C;
t = 10 ms
(50 Hz), sine
200
A
V
R = 0
t = 8.3 ms
(60 Hz), sine
210
A
T
VJ = TVJM
t = 10 ms
(50 Hz), sine
185
A
V
R = 0
t = 8.3 ms
(60 Hz), sine
195
A
I2t
T
VJ = 45°C
t = 10 ms
(50 Hz), sine
200
A2s
V
R = 0
t = 8.3 ms
(60 Hz), sine
180
A2s
T
VJ = TVJM
t = 10 ms
(50 Hz), sine
170
A2s
V
R = 0
t = 8.3 ms
(60 Hz), sine
160
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL £ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque
(M5)
2 - 2.5
Nm
(10-32UNF)
18-22
lb.in.
Weight
typ.
35
g
Data according to IEC 60747 and refer to a single diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions.
Symbol
Test Conditions
Characteristic Values
typ.
max
I
R
V
R
= V
RRM
T
VJ = 25°C
0.75
mA
V
R
= 0.8 V
RRM
T
VJ = 125°C4
7
mA
V
F
I
F
= 30 A;
T
VJ = 25°C
2.55
V
V
T0
For power-loss calculations only
1.65
V
r
T
18.2
m
W
R
thJS
per diode,
120
° rect.
1.5
K/W
per module,
120
° rect.
0.25
K/W
I
RM
I
F = 30 A, -diF/dt = 240 A/ms16
18
A
V
R = 540 V, L £ 0.05 mH, TVJ = 100°C
t
rr
I
F = 1 A; -di/dt = 100 A/ms; VR = 30 V, TVJ = 25°C40
60
ns
d
S
Creeping distance on surface
12.7
mm
d
A
Creepage distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s2
V
RSM
V
RRM
Type
VV
1200
1200
VUE 50-12NO1
Features
q
Package with DCB ceramic base plate
q
Isolation voltage 3600 V~
q
Planar passivated chips
q
Leads suitable for PC board soldering
q
Creeping and creepage-distance
fulfils UL 508/CSA 22.2NO14 and
VDE 0160 requirements
q
Epoxy meet UL94V-O
q
UL registered E72873
Applications
q
Supplies for DC power equipment
q
Input rectifiers for PWM inverter
q
Output filter for PWM inverter
Advantages
q
Reduced EMI/RFI
q
Easy to mount with two screws
q
Space and weight savings
q
Improved temperature and power
cycling
Use output terminals in parallel connections
Dimensions in mm (1 mm = 0.0394")
VUE 50
Three Phase
Rectifier Bridge
1 2
4 5
6
10
8
10
8
6
4/5
1/2


Similar Part No. - VUE50

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
VUE50 CAMPBELL-VUE50 Datasheet
483Kb / 4P
Compact, Digital, SDI-12 Weather Sensor
More results

Similar Description - VUE50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
Three Phase Rectifier Bridge
VUO160 IXYS-VUO160 Datasheet
30Kb / 1P
Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
Three Phase Rectifier Bridge
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F06 POWERSEM-PSD43F06 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com