Electronic Components Datasheet Search
  English  ▼

X  

PCK351 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCK351
Description  1:10 clock distribution device with 3-State outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK351 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCK351 Datasheet HTML 4Page - NXP Semiconductors PCK351 Datasheet HTML 5Page - NXP Semiconductors PCK351 Datasheet HTML 6Page - NXP Semiconductors PCK351 Datasheet HTML 7Page - NXP Semiconductors PCK351 Datasheet HTML 8Page - NXP Semiconductors PCK351 Datasheet HTML 9Page - NXP Semiconductors PCK351 Datasheet HTML 10Page - NXP Semiconductors PCK351 Datasheet HTML 11Page - NXP Semiconductors PCK351 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Philips Semiconductors
PCK351
1:10 clock distribution device with 3-State outputs
Product data
Rev. 01 — 14 May 2002
8 of 17
9397 750 09791
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
10. Dynamic characteristics
[1]
These data were extracted from characterization material and are not tested at the factory.
[2]
∆t
PLH(T) and ∆tPHL(T) are virtually independent of VCC.
[3]
∆t
PLH(V) and ∆tPHL(V) are virtually independent of temperature.
Table 8:
AC characteristics
GND = 0 V; tr =tf ≤ 3.0 ns.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC = 3.3 V; Tamb =25 °C
tPLH/tPHL
propagation delay A to Yn
CL = 50 pF; see Figures 5 and 8
3.1
3.6
4.1
ns
tPZH/tPZL
propagation delay OE to Yn
CL = 50 pF; see Figures 6 and 8
1.8
3.8
5.5
ns
tPHZ/tPLZ
propagation delay OE to Yn
CL = 50 pF; see Figures 6 and 8
1.8
4.0
5.9
ns
tsk(o)
output-to-output skew A to Yn
CL = 50 pF; see Figures 7 and 8
-
0.3
0.5
ns
tsk(p)
pulse skew A to Yn
CL = 50 pF; see Figures 7 and 8
-
0.2
0.8
ns
tsk(pr)
part-to-part skew A to Yn
CL = 50 pF; see Figures 7 and 8
--1
ns
tr
rise time A to Yn
CL = 50 pF; see Figures 5 and 8
---ns
tf
fall time A to Yn
CL = 50 pF; see Figures 5 and 8
---ns
VCC = 3.3 to 3.6 V; Tamb =0 °C to +70 °C
tPLH/tPHL
propagation delay A to Yn
CL = 50 pF; see Figures 5 and 8
---ns
tPZH/tPZL
propagation delay OE to Yn
CL = 50 pF; see Figures 6 and 8
1.3
-
5.9
ns
tPHZ/tPLZ
propagation delay OE to Yn
CL = 50 pF; see Figures 6 and 8
1.7
-
6.3
ns
tsk(o)
output-to-output skew A to Yn
CL = 50 pF; see Figures 7 and 8
-
-
0.5
ns
tsk(p)
pulse skew A to Yn
CL = 50 pF; see Figures 7 and 8
-
-
0.8
ns
tsk(pr)
part-to-part skew A to Yn
CL = 50 pF; see Figures 7 and 8
--1
ns
tr
rise time A to Yn
CL = 50 pF; see Figures 5 and 8
-
-
1.5
ns
tf
fall time A to Yn
CL = 50 pF; see Figures 5 and 8
-
-
1.5
ns
Table 9:
Switching characteristics
Temperature and VCC coefficients over recommended operating free-air temperature and VCC range; note 1.
Symbol
Parameter
Conditions
Max
Unit
∆tPLH(T)
temperature coefficient of LOW-to-HIGH propagation delay A to Yn
(average value)
note 2
65
ps/10
°C
∆t
PHL(T)
temperature coefficient of HIGH-to-LOW propagation delay A to Yn
(average value)
note 2
45
ps/10
°C
∆t
PLH(V)
VCC coefficient of LOW-to-HIGH propagation delay A to Yn
(average value)
note 3
−140
ps/100 mV
∆t
PHL(V)
VCC coefficient of HIGH-to-LOW propagation delay A to Yn
(average value)
note 3
−120
ps/100 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com