Electronic Components Datasheet Search
  English  ▼

X  

PCK351 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCK351
Description  1:10 clock distribution device with 3-State outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK351 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCK351 Datasheet HTML 1Page - NXP Semiconductors PCK351 Datasheet HTML 2Page - NXP Semiconductors PCK351 Datasheet HTML 3Page - NXP Semiconductors PCK351 Datasheet HTML 4Page - NXP Semiconductors PCK351 Datasheet HTML 5Page - NXP Semiconductors PCK351 Datasheet HTML 6Page - NXP Semiconductors PCK351 Datasheet HTML 7Page - NXP Semiconductors PCK351 Datasheet HTML 8Page - NXP Semiconductors PCK351 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PCK351
1:10 clock distribution device with 3-State outputs
Rev. 01 — 14 May 2002
Product data
1.
Description
The PCK351 is a high-performance 3.3 V LVTTL clock distribution device. The
PCK351 enables a single clock input to be distributed to ten outputs with minimum
output skew and pulse skew. The use of distributed VCC and GND pins in the PCK351
ensures reduced switching noise.
The PCK351 is characterized for operation over the supply range 3.0 V to 3.6 V, and
over the industrial temperature range
−40 to +85 °C.
2.
Features
s 1:10 LVTTL clock distribution
s Low output to output skew
s Low output pulse skew
s Over voltage tolerant inputs and outputs
s LVTTL-compatible inputs and outputs
s Distributed VCC and ground pins reduce switching noise
s Balanced High-drive outputs (
−32 mA I
OH, 32 mA IOL)
s Reduced power dissipation due to the state-of-the-art QUBiC-LP process
s Supply range of +3.0 V to +3.6 V
s Package options include plastic small-outline (D) and shrink small-outline (DB)
packages
s Industrial temperature range
−40 to +85 °C
s PCK351 is identical to and replaces PTN3151.


Similar Part No. - PCK351

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK3807A PHILIPS-PCK3807A Datasheet
127Kb / 13P
1:10 LVTTL clock distribution device
2004 Aug 27
PCK3807AD PHILIPS-PCK3807AD Datasheet
127Kb / 13P
1:10 LVTTL clock distribution device
2004 Aug 27
PCK3807ADB PHILIPS-PCK3807ADB Datasheet
127Kb / 13P
1:10 LVTTL clock distribution device
2004 Aug 27
PCK3807ADS PHILIPS-PCK3807ADS Datasheet
127Kb / 13P
1:10 LVTTL clock distribution device
2004 Aug 27
PCK3807APW PHILIPS-PCK3807APW Datasheet
127Kb / 13P
1:10 LVTTL clock distribution device
2004 Aug 27
More results

Similar Description - PCK351

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN1111 PHILIPS-PTN1111 Datasheet
53Kb / 5P
1:10 PECL clock distribution device
2001 Jun 19
PTN2111 PHILIPS-PTN2111 Datasheet
64Kb / 8P
1:10 LVDS clock distribution device
2001 Jun 19
logo
Texas Instruments
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
PCK3807A PHILIPS-PCK3807A Datasheet
127Kb / 13P
1:10 LVTTL clock distribution device
2004 Aug 27
logo
PulseCore Semiconductor
ASM2P2351AH PULSECORE-ASM2P2351AH Datasheet
464Kb / 12P
1-Line To 10-Line Clock Driver With 3-State Outputs
logo
Texas Instruments
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI1-CDC2351DBR Datasheet
775Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com