Electronic Components Datasheet Search
  English  ▼

X  

EC5BW Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC5BW
Description  15 WATT 4:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC5BW Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC5BW Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC5BW Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V11
1
︳
EC5BW SERIES
15 WATT 4:1 INPUT
DC-DC
CONVERTERS
FEATURES
* 15W Isolated Output
* Efficiency to 88%
* 2’’x1’’ Six-Sided Shield Metal Case
* 4:1 Input Range
* Regulated Outputs
* Fixed Switching Frequency
* Input Under Voltage Protection
* Over Current Protection
* Remote On/Off (Option)
* Continuous Short Circuit Protection
* No Tantalum Capacitor Inside
* Conductive EMI Meets EN55022 Class A
* CE Mark Meets 2004/108/EC
* Safety Meets UL60950-1, EN60950-1 and IEC60950-1
NOTE:
1. Nominal Input Voltage 24, 48VDC
2. Measured at Nominal Input Voltage
3. Measured at 12VDC for 24Vin, 24VDC for 48Vin
OUTPUT CURRENT
INPUT CURRENT
% EFF.
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
MAX.
NO LOAD
FULL LOAD
(2)
(3)
CAPACITOR
LOAD MAX.
EC5BW-24S33
9-36 VDC
3.3 VDC
0 mA
4000 mA
60 mA
632 mA
87
87
4000µF
EC5BW-24S05
9-36 VDC
5 VDC
0 mA
3000 mA
70 mA
718 mA
87
87
3000µF
EC5BW-24S12
9-36 VDC
12 VDC
0 mA
1250 mA
30 mA
718 mA
87
87
1250µF
EC5BW-24S15
9-36 VDC
15 VDC
0 mA
1000 mA
30 mA
710 mA
88
88
1000µF
EC5BW-24D05
9-36 VDC
±5 VDC
0 mA
±1500 mA
30 mA
735 mA
85
85
1500µF
EC5BW-24D12
9-36 VDC
±12 VDC
0 mA
±625 mA
30 mA
718 mA
87
87
625µF
EC5BW-24D15
9-36 VDC
±15 VDC
0 mA
±500 mA
30 mA
710 mA
88
88
470µF
EC5BW-48S33
18-75 VDC
3.3 VDC
0 mA
4000 mA
40 mA
313 mA
88
88
4000µF
EC5BW-48S05
18-75 VDC
5 VDC
0 mA
3000 mA
40 mA
355 mA
88
88
3000µF
EC5BW-48S12
18-75 VDC
12 VDC
0 mA
1250 mA
20 mA
359 mA
87
87
1250µF
EC5BW-48S15
18-75 VDC
15 VDC
0 mA
1000 mA
20 mA
359 mA
87
87
1000µF
EC5BW-48D05 18-75 VDC
±5 VDC
0 mA
±150 0mA
20 mA
368 mA
85
85
1500µF
EC5BW-48D12 18-75 VDC
±12 VDC
0 mA
±625 mA
20 mA
359 mA
87
87
625µF
EC5BW-48D15 18-75 VDC
±15 VDC
0 mA
±500 mA
20 mA
359 mA
87
87
470µF


Similar Part No. - EC5BW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC5BW-24D05 ETC2-EC5BW-24D05 Datasheet
107Kb / 2P
EC5BW SERIES 15 WATT 4 1 INPUT DC-DC CONVERTERS
EC5BW-24D12 ETC2-EC5BW-24D12 Datasheet
107Kb / 2P
EC5BW SERIES 15 WATT 4 1 INPUT DC-DC CONVERTERS
EC5BW-24D15 ETC2-EC5BW-24D15 Datasheet
107Kb / 2P
EC5BW SERIES 15 WATT 4 1 INPUT DC-DC CONVERTERS
EC5BW-24S05 ETC2-EC5BW-24S05 Datasheet
107Kb / 2P
EC5BW SERIES 15 WATT 4 1 INPUT DC-DC CONVERTERS
EC5BW-24S12 ETC2-EC5BW-24S12 Datasheet
107Kb / 2P
EC5BW SERIES 15 WATT 4 1 INPUT DC-DC CONVERTERS
More results

Similar Description - EC5BW

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TC6-15S123.3 TRUMPOWER-TC6-15S123.3 Datasheet
23Kb / 1P
DC/DC CONVERTERS 2:1 Input, 15 Watt
TD3-10S123.3 TRUMPOWER-TD3-10S123.3 Datasheet
27Kb / 1P
DC/DC CONVERTERS 2:1 Input, 15 Watt
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
DC/DC CONVERTERS 4:1 Input, 15 Watt
TD3WR-10S243.3 TRUMPOWER-TD3WR-10S243.3 Datasheet
28Kb / 1P
DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
List of Unclassifed Man...
EC5BW-48S15 ETC2-EC5BW-48S15 Datasheet
107Kb / 2P
EC5BW SERIES 15 WATT 4 1 INPUT DC-DC CONVERTERS
EC5BU-12S05 ETC2-EC5BU-12S05 Datasheet
298Kb / 3P
15 WATT 2 1 INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
EC8AW CINCON-EC8AW Datasheet
204Kb / 2P
15 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC3SB CINCON-EC3SB Datasheet
208Kb / 2P
15 WATT 2:1 INPUT DC-DC CONVERTERS
EC5C CINCON-EC5C Datasheet
210Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com