Electronic Components Datasheet Search
  English  ▼

X  

EC5BW Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC5BW
Description  15 WATT 4:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC5BW Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC5BW Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC5BW Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V11
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....………………........……. 24VDC ................ 9 – 36VDC
Efficiency ...........................................………..………............ See Table
48VDC ……..... 18 – 75VDC
Isolation Voltage .................................……..………......... 1500 VDC min.
Input Surge Voltage (100ms max.) …….…... 24VDC …....... 50VDC max.
Isolation Resistance .....................…….…………………… 10
9 ohm min.
48VDC ….... 100VDC max.
Isolation Capacitance …………………..……………….…… 1000pF typ.
Under Voltage Lockout ……….….. 24Vin Power Up ..…..….……. 8.8VDC typ.
Switching Frequency ............................……...................... 400KHz typ.
24Vin Power Down …..……. 8.0VDC typ.
EMI/RFI ……….………….…. Conductive EMI Meets EN55022 Class A
48Vin Power Up …….......….. 17VDC typ.
Case Grounding …………. Connect Case to -Vin with Decoupling Y Cap
48Vin Power Down ……....... 16VDC typ.
Operating Ambient Temperature Range ...…..…...…….... -40
to +85
℃
℃
Input Filter ………………………………..………………………………. PI Type
De-rating, Above 78
……………..…. Linearly to Zero Power at +105
℃
℃
OUTPUT SPECIFICATIONS:
Case Temperature (note3) ………………………………………….. 105℃
Voltage Accuracy ………………....……………….......…………… ±1.5% max.
Cooling ………………………………………………… Natural Convection
Voltage Balance (Dual) …….………………………………….….…. ±2.0% max.
Storage Temperature Range ...…............……....…....... -55
to +125
℃
℃
Transient Response: 75% - 100% Step Load Change
Humidity ................................................. 95% RH max. Non-Condensing
Error Band ………..… ±5% Vout nominal, Recovery Time ……... <250us
MTBF ….. MIL-STD-217F, GB 25C, Full Load ……………… T.B.D. hrs
Ripple & Noise, 20MHz BW (Measured with 0.1uF MLCC)
Dimensions ...................... 2.00x1.00 x0.40 inches (50.8x25.4x10.2 mm)
Vo=3.3&5V …………………..………..……75mV pk-pk max.
Case Material ……… Black Coated Copper with Non-Conductive Base
Vo=12V&15V&±12V&±15V ………….….. 100mV pk-pk max.
Weight ………………………………………………………………….. 35g
Temperature Coefficient ....................….………...…..……….. ±0.03%/C max.
NOTE:
Short Circuit Protection ...................…....…………………..……….. Continuous
1. Measured from high line to low line.
Line Regulation (note1) …………… Single …………...…………. ±0.2% max.
2. Measured from full load to min. load.
Dual ..….….....................…. ±0.5% max.
3. Maximum case temperature under any operating condition should
Load Regulation (note2) ……….…. Single …………...…………. ±0.2% max.
not be exceeded 105℃.
Dual ..……......................…. ±1.0% max.
Cross Regulation (Dual Output) Load Cross Variation 10%/100% ……. ±5% max.
Over Voltage Protection ……………………….………… Zener or TVS Clamp
Current Limit ……………………………………. 110% - 170% Nominal Output
Output Short Circuit Protection .............................. Continuous (Hiccup Mode)
Start Up Time ……………………………………………...……………. 10ms typ.
OPTION:
1. Suffix ”T” to the model number with remote positive on/off control:
Logic Compatibility ….. CMOS or open collector TTL, referenced to -Vin
Module on ………………….…..……… >3.5VDC to 75VDC or open circuit
Module off ………………….…………………………….…………. <1.2VDC
Typical Derating curve for Natural Convection
78
-40
73
105
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
120
Ambient Temperature(oC)
OTHERS
XXD05
2. Suffix “A” to the Model Number with Output Voltage Adjustable
External Trim Adj. Range
±10%, Single Output Only
≧
SIZE B Dimensions:
BOTTOM
VIEW
1
2
5
4
3
min
Tolerances
Inches: X.XX= ±0.04 , X.XXX= ±0.010
Millimeters: X.X= ±1.0 , X.XX=±0.25
All Dimensions In Inches (mm)
6
NOTE: Pin Size is 0.04±0.004 Inch (1.0±0.1 mm)DIA
0.40
[10.2]
0.200
[5.08]
0.300
[7.62]
1.00
[25.4]
0.400
[10.16]
0.400
[10.16]
0.22
[5.6]
0.40
[10.2]
PIN CONNECTION
Pin
1
2
3
4
5
+Input
-Input
+V Output
Common/NP/Trim(Option)
-V Output
Function
*NP-NO PIN ON SINGLE OUTPUT
6
NP/Remote(Option)
EXTERNAL OUTPUT TRIM
10K Ohms
+Vout
TRIM
-Vout
+Vout
TRIM
-Vout
TRIMPOT
TRIM UP
TRIM DOWN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com