Electronic Components Datasheet Search
  English  ▼

X  

74LS122 Datasheet(PDF) 7 Page - ON Semiconductor

Part # 74LS122
Description  LOW POWER SCHOTTKY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS122 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button 74LS122 Datasheet HTML 3Page - ON Semiconductor 74LS122 Datasheet HTML 4Page - ON Semiconductor 74LS122 Datasheet HTML 5Page - ON Semiconductor 74LS122 Datasheet HTML 6Page - ON Semiconductor 74LS122 Datasheet HTML 7Page - ON Semiconductor 74LS122 Datasheet HTML 8Page - ON Semiconductor 74LS122 Datasheet HTML 9Page - ON Semiconductor 74LS122 Datasheet HTML 10Page - ON Semiconductor 74LS122 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SN74LS122 SN74LS123
http://onsemi.com
7
Figure 5. K versus VCC
Figure 6. K versus VRC
Figure 7. K versus VCC and VRC
VCC
VCC = 5 V
Cext = 1000 pF
VRC
Cext = 1000 pF
0.55
0.5
K
0.45
0.4
0.35
4.5
5
5.5
VCC = VRC
125
°C
70
°C
25
°C
0
°C
–55
°C
VRC = 5 V
Cext = 1000 pF
125
°C
70
°C
0
°C
–55
°C
125
°C
25
°C
0
°C
–55
°C
70
°C
25
°C
100000
10000
1000
100
10
1
10
100
1000
Cext, EXTERNAL TIMING CAPACITANCE (pF)
Rext = 80 kΩ
Rext = 40 kΩ
Rext = 20 kΩ
Rext = 10 kΩ
Rext = 5 kΩ
Rext = 260 kΩ
Rext = 160 kΩ
4.5
5
5.5
4.5
5
5.5
0.55
0.5
K
0.45
0.4
0.35
0.55
0.5
K
0.45
0.4
0.35
Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com