Electronic Components Datasheet Search
  English  ▼

X  

LTC3441 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC3441
Description  Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3441 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC3441 Datasheet HTML 10Page - Analog Devices LTC3441 Datasheet HTML 11Page - Analog Devices LTC3441 Datasheet HTML 12Page - Analog Devices LTC3441 Datasheet HTML 13Page - Analog Devices LTC3441 Datasheet HTML 14Page - Analog Devices LTC3441 Datasheet HTML 15Page - Analog Devices LTC3441 Datasheet HTML 16Page - Analog Devices LTC3441 Datasheet HTML 17Page - Analog Devices LTC3441 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC3246
14
3246fa
For more information www.linear.com/LTC3246
APPLICATIONS INFORMATION
Reset Generation (RSTI input, RST output)
The LTC3246 pulls the RST open-drain output low when-
ever RSTI is below threshold (typically 1.2V) or VOUT is
greater than the overvoltage threshold or less than the
undervoltage threshold. RST remains asserted low for
a reset timeout period (tRST) once RSTI goes above the
threshold and VOUTisinregulation(withintheovervoltage
and undervoltage thresholds). RST de-asserts by going
high impedance at the end of the reset timeout period.
The reset timeout can be configured to use an internal
timer without external components or an adjustable timer
programmed by connecting an external capacitor from
the RT pin to GND. Glitch filtering ensures reliable reset
operation without false triggering.
During initial power up, the RST output asserts low while
VIN is below the VIN undervoltage lockout threshold. The
state of VOUT and RSTI have no effect on RST while VIN
is below the undervoltage lockout threshold. The reset
timeout period cannot start until VIN exceeds the under-
voltage lockout threshold.
VOUT Undervoltage/Overvoltage Reset
A built-in VOUTsupplymonitorensurestheVOUTisinregu-
lation before RST is allowed to go high impedance. The
monitor detects both overvoltage and undervoltage faults.
If VOUT is greater than the overvoltage threshold or less
than the undervoltage threshold, the part registers a fault
and pulls RST low. The fault condition is removed when
VOUTiswithintheovervoltageandundervoltagethresholds.
Load transients within the operating range of the part will
not registering as a fault by design.
Selecting the Reset Timing Capacitor
The reset timeout period can be set to a fixed internal
timer or programmed with a capacitor in order to accom-
modate a variety of applications. Connecting a capacitor,
CRT, between the RT pin and GND sets the reset timeout
period, tRST.
Figure 4 shows the desired reset timeout period as a
function of the value of the timer capacitor. Leaving RT
open without external capacitor generates a reset timeout
of approximately 0.5ms. Shorting RT to BIAS generates a
reset timeout of approximately 0.2s.
0.001 0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
10000
3246 F04
CRT (nF)
Figure4. Reset Timeout Period vs CRT Capacitance
RST Output Characteristics
RST is an open-drain pin and, thus, requires an external
pull-up resistor to a logic supply. RST may be pulled up to
any valid logic level (such as VOUT) providing the voltage
limits of the pin are observed (See Absolute Maximum
Ratings section).
Watchdog Timer (WDI input, RST output)
The LTC3246 includes a windowed watchdog function
that can continuously monitor the application’s logic or
microprocessorandissueautomaticresetstoaidrecovery
from unintended lockups or crashes. With the RSTI input
held above threshold, the application must periodically
toggle the logic state of the watchdog input (WDI pin) in
order to clear the watchdog timer. Specifically, successive
falling edges on the WDI pin must be spaced by more than
the watchdog lower boundary but less than the watchdog
upper boundary. As long as this condition holds, RST
remains high impedance.
If a falling edge arrives before the watchdog lower bound-
ary, or if the watchdog timer reaches the upper bound-
ary without seeing a falling edge on WDI, the watchdog
timer immediately enters its reset state and asserts RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com