Electronic Components Datasheet Search
  English  ▼

X  

LTC3441 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC3441
Description  Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3441 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC3441 Datasheet HTML 12Page - Analog Devices LTC3441 Datasheet HTML 13Page - Analog Devices LTC3441 Datasheet HTML 14Page - Analog Devices LTC3441 Datasheet HTML 15Page - Analog Devices LTC3441 Datasheet HTML 16Page - Analog Devices LTC3441 Datasheet HTML 17Page - Analog Devices LTC3441 Datasheet HTML 18Page - Analog Devices LTC3441 Datasheet HTML 19Page - Analog Devices LTC3441 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC3246
20
3246fa
For more information www.linear.com/LTC3246
ANALOG DEVICES, INC. 2016
LT 1217 REV A • PRINTED IN USA
www.linear.com/LTC3246
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC3204-3.3/
LTC3204B-3.3/
LTC3204-5/
LTC3204B-5
Low Noise, Regulated Charge Pumps
in (2mm × 2mm) DFN Package
VIN: 1.8V to 4.5V (LTC3204B-3.3), 2.7V to 5.5V (LTC3204B-5), IQ = 48µA, B Version without
Burst Mode Operation, 6-Lead (2mm × 2mm) DFN Package
LTC3440
600mA (IOUT) 2MHz Synchronous
Buck-Boost DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 2.5V, IQ = 25µA, ISD ≤ 1µA, 10-Lead MS
Package
LTC3441
High Current Micropower 1MHz
Synchronous Buck-Boost DC/DC
Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 2.5V, IQ = 25µA, ISD ≤ 1µA, DFN Package
LTC3443
High Current Micropower 600kHz
Synchronous Buck-Boost DC/DC
Converter
96% Efficiency, VIN: 2.4V to 5.5V, VOUT(MIN) = 2.4V, IQ = 28µA, ISD < 1µA, DFN Package
LTC3240-3.3/
LTC3240-2.5
3.3V/2.5V Step-Up/Step-Down Charge
Pump DC/DC Converter
VIN: 1.8V to 5.5V, VOUT(MAX) = 3.3V/2.5V, IQ = 65µA, ISD < 1µA, 2mm × 2mm DFN Package
LTC3260
Low Noise Dual Supply Inverting
Charge Pump
VIN Range: 4.5V to 32V, IQ = 100µA, 100mA Charge Pump, 50mA Positive LDO, 50mA
Negative LDO
LTC3261
High Voltage Low IQ Inverting Charge
Pump
VIN Range: 4.5V to 32V, IQ = 60µA, 100mA Charge Pump
LTC3245
High Voltage, Low Noise 250mA
Buck-Boost Charge Pump
VIN Range: 2.7V to 38V, VOUT Range: 2.5V to 5V, IQ = 18µA, ISD = 4µA, 3mm × 4mm DFN and
12-Pin MSE Packages
LTC3255
Wide VIN Range Fault Protected 50mA
Step-Down Charge Pump
VIN Range: 4V to 48V, VOUT Range: 2.4V to 15V, IQ = 20µA, 10-Pin 3mm × 3mm DFN and
MSE Packages
LTC3256
Wide VIN Range Dual Output 350mA
Step-Down Charge Pump with WDT
VIN Range: 5.5V to 38V, VOUT Range: 5V/3.3V, IQ = 18µA, 16-Pin MSE Package
LTC3246
3246 TA03
VIN
SEL2
SEL1
BIAS
RT
WT
WDI
C+
C–
VOUT
OUTS/ADJ
RST
RSTI
1µF
22µF
10µF
500k
2.2µF
VIN = 2.7V TO 38V
VOUT = 3.3V
IOUT UP TO 500mA
GND
RST
Reduced Ripple 3.3V Output with Watchdog Timing Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com