Electronic Components Datasheet Search
  English  ▼

X  

CHB75 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # CHB75
Description  49.5 - 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CHB75 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  CHB75 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CHB75 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V24
1
︳CHB75SERIES
49.5 - 75 WATT WIDE INPUT
DC-DC CONVERTERS
SINGLE OUTPUT
FEATURES
* 49.5W-75W Isolated Output
* Efficiency to 89%
* 300/400KHz Switching Frequency
* 2:1 Input Range
* Regulated Outputs
* Continuous Short Circuit Protection
* Five-Sided Metal Case
* Half-Brick Size Meet Industrial Standard
* Safety Meets IEC/EN/UL60950-1
* UL60950-1 Approval
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT CURRENT
INPUT CURRENT
%
EFF.
CAPACITOR
LOAD MAX.
MIN.
MAX.
NO LOAD
FULL LOAD
CHB75-12S33
9 -18 VDC
3.3 VDC
0 mA
15 A
50 mA
5290 mA
78
10000uF
CHB75-12S05
9 -18 VDC
5 VDC
0 mA
15 A
50 mA
7530 mA
83
10000uF
CHB75-12S12
9 -18 VDC
12 VDC
0 mA
6.25 A
50 mA
7183 mA
87
10000uF
CHB75-12S15
9 -18 VDC
15 VDC
0 mA
5 A
50 mA
7267 mA
86
4000uF
CHB75-12S24
9 -18 VDC
24 VDC
0 mA
3.13 A
50 mA
7183 mA
87
2000uF
CHB75-24S33
18-36 VDC
3.3 VDC
0 mA
15 A
50 mA
2578 mA
80
10000uF
CHB75-24S05
18-36 VDC
5 VDC
0 mA
15 A
50 mA
3720 mA
84
10000uF
CHB75-24S12
18-36 VDC
12 VDC
0 mA
6.25 A
50 mA
3551 mA
88
10000uF
CHB75-24S15
18-36 VDC
15 VDC
0 mA
5 A
50 mA
3551 mA
88
4000uF
CHB75-24S24
18-36 VDC
24 VDC
0 mA
3.13 A
50 mA
3551 mA
88
2000uF
CHB75-48S33
36-75 VDC
3.3 VDC
0 mA
15 A
50 mA
1273 mA
81
10000uF
CHB75-48S05
36-75 VDC
5 VDC
0 mA
15 A
50 mA
1860 mA
84
10000uF
CHB75-48S12
36-75 VDC
12 VDC
0 mA
6.25 A
50 mA
1755 mA
89
10000uF
CHB75-48S15
36-75 VDC
15 VDC
0 mA
5 A
50 mA
1775 mA
88
4000uF
CHB75-48S24
36-75 VDC
24 VDC
0 mA
3.13 A
50 mA
1755 mA
89
2000uF
NOTE: 1. Nominal Input Voltage 12, 24 or 48VDC


Similar Part No. - CHB75

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CHB75 RSG-CHB75 Datasheet
174Kb / 5P
37.5 TO 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE & DUAL OUTPUT
CHB75-12S05 RSG-CHB75-12S05 Datasheet
174Kb / 5P
37.5 TO 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE & DUAL OUTPUT
logo
FranMar International I...
CHB75-12S05 FRANMAR-CHB75-12S05 Datasheet
193Kb / 1P
25~75 Watts DIP Type Single Output DC - DC Converter
logo
RSG Electronic Componen...
CHB75-12S12 RSG-CHB75-12S12 Datasheet
174Kb / 5P
37.5 TO 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE & DUAL OUTPUT
logo
FranMar International I...
CHB75-12S12 FRANMAR-CHB75-12S12 Datasheet
193Kb / 1P
25~75 Watts DIP Type Single Output DC - DC Converter
More results

Similar Description - CHB75

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CFB200 RSG-CFB200 Datasheet
1Mb / 1P
200 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB75 RSG-CHB75 Datasheet
174Kb / 5P
37.5 TO 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE & DUAL OUTPUT
CHB75-D RSG-CHB75-D Datasheet
1Mb / 1P
75 WATT WIDE INPUT DC-DC CONVERTERS DUAL OUTPUT
CHB75W RSG-CHB75W Datasheet
1Mb / 1P
37.5 TO 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB150 RSG-CHB150 Datasheet
75Kb / 2P
75 TO 150 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
CINCON ELECTRONICS Corp...
CHB75W CINCON-CHB75W Datasheet
238Kb / 2P
49.5 TO 75 WATT 4:1 INPUT RANGE DC-DC CONVERTERS SINGLE OUTPUT
CQB75W-24S3V3 CINCON-CQB75W-24S3V3 Datasheet
160Kb / 2P
75 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB50 CINCON-CHB50 Datasheet
207Kb / 2P
33 - 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB100 CINCON-CHB100 Datasheet
129Kb / 2P
66 - 100 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB150 CINCON-CHB150 Datasheet
126Kb / 2P
99 - 150 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com